Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN75LBC970ADLR Datasheet(PDF) 3 Page - Texas Instruments

Part # SN75LBC970ADLR
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC970ADLR Datasheet(HTML) 3 Page - Texas Instruments

  SN75LBC970ADLR Datasheet HTML 1Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 2Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 3Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 4Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 5Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 6Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 7Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 8Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SN75LBC970A
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS215B – MAY 1995 – REVISED JANUARY 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
Logic
I/O
Termination
DESCRIPTION
NAME
NO.
g
Level
I/O
Termination
DESCRIPTION
AACK –
8
TTL
I/O
Strong pullup
SCSI acknowledge (– ACK) signal to/from controller
AATN –
6
TTL
I/O
Strong pullup
SCSI attention (– ATN) signal to/from controller
ABSY –
25
TTL
I/O
Strong pullup
SCSI busy (– BSY) signal to/from the controller
AC/D –
11
TTL
I/O
Strong pullup
SCSI control/data (– C/D) signal to/from the controller
AI/O –
22
TTL
I/O
Strong pullup
SCSI input/output (– I/O) signal to/from the controller
AMSG –
21
TTL
I/O
Strong pullup
SCSI message (– MSG) signal to/from the controller
AREQ –
10
TTL
I/O
Strong pullup
SCSI request (– REQ) signal to/from controller
ARST –
27
TTL
I/O
Strong pullup
SCSI reset (– RST) signal to/from the controller
ASEL –
23
TTL
I/O
Strong pullup
SCSI select (– SEL) signal to/from the controller
BACK –
51
RS-485
I/O
Weak pullup
SCSI acknowledge (– ACK) signal to/from the bus
BACK+
50
RS-485
I/O
Weak pulldown
SCSI acknowledge (+ACK) signal to/from the bus
BATN –
53
RS-485
I/O
Weak pullup
SCSI attention (–
ATN) signal to/from the bus
BATN+
52
RS-485
I/O
Weak pulldown
SCSI attention (+ATN) signal to/from the bus
BBSY –
31
RS-485
I/O
Weak pulldown
SCSI busy (– BSY) signal to/from the bus
BBSY+
32
RS-485
I/O
Weak pullup
SCSI busy (+BSY) signal to/from the bus
BC/D –
47
RS-485
I/O
Weak pullup
SCSI control/data (– C/D) signal to/from the bus
BC/D+
46
RS-485
I/O
Weak pulldown
SCSI control/data (+C/D) signal to/from the bus
BI/O –
36
RS-485
I/O
Weak pullup
SCSI input/output (– I/O) signal to/from the bus
BI/O+
35
RS-485
I/O
Weak pulldown
SCSI input/output (+I/O) signal to/from the bus
BMSG –
38
RS-485
I/O
Weak pullup
SCSI message (– MSG) signal to/from the bus
BMSG+
37
RS-485
I/O
Weak pulldown
SCSI message (+MSG) signal to/from the bus
BREQ –
49
RS-485
I/O
Weak pullup
SCSI request (– REQ) signal to/from the bus
BREQ+
48
RS-485
I/O
Weak pulldown
SCSI request (+REQ) signal to/from the bus
BRST –
29
RS-485
I/O
Weak pulldown
SCSI reset (– RST) signal to/from the bus
BRST+
30
RS-485
I/O
Weak pullup
SCSI reset (+RST) signal to/from the bus
BSEL –
33
RS-485
I/O
Weak pulldown
SCSI select (– SEL) signal to/from the bus
BSEL+
34
RS-485
I/O
Weak pullup
SCSI select (+SEL) signal to/from the bus
CLK40
4
CMOS
I
Strong pulldown
40-MHz clock input
DRVBUS
19
TTL
O
N/A
Driver bus. A high-level logic signal that indicates the SCSI bus is in one of
the information transfer phases.
DSENS
3
TTL
I
Weak pullup
A low-level input initializes the internal latches and disables all drivers.
GND
5, 13–17,
40–44
N/A
N/A
N/A
Supply common
RESET
2
TTL
I
Weak pullup
Reset. A low-level input initializes the internal latches and disables all drivers.
RSTFLTR
1
TTL
I
Weak pullup
Reset filter. Filtered input from the SCSI bus for a system reset. RSTFLTR
differs from RESET by keeping the ARST and BRST drivers enabled.
SDB
20
TTL
O
N/A
A high-level logic signal that indicates a differential to single-ended data flow.
TEST
7
TTL
I
Weak pulldown
Test. A high-level input that places the device in a test mode (see Table 1).
It is grounded during normal operation.
TIMEOUT
9
Analog
I/O
N/A
Time out. This signal connects to an external RC time constant for a time out
during bus arbitration.
VCC
12, 18, 39, 45
N/A
N/A
N/A
5-V supply voltage
X1 /CLK20
55
CMOS
I
None
20-MHz crystal oscillator or clock input
X2
56
Analog
O
None
20-MHz crystal oscillator feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com