Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN75LBC970ADLR Datasheet(PDF) 1 Page - Texas Instruments

Part # SN75LBC970ADLR
Description  SCSI DIFFERENTIAL CONVERTER-CONTROL
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75LBC970ADLR Datasheet(HTML) 1 Page - Texas Instruments

  SN75LBC970ADLR Datasheet HTML 1Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 2Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 3Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 4Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 5Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 6Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 7Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 8Page - Texas Instruments SN75LBC970ADLR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN75LBC970A
SCSI DIFFERENTIAL CONVERTER-CONTROL
SLLS215B – MAY 1995 – REVISED JANUARY 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Provides Differential SCSI from Single-
Ended Controller When Used With the
SN75LBC971A Data Transceiver
D Designed to Operate at Fast-SCSI Speeds
of 10 Million Data Transfers per Second
D Nine Transceivers Meet or Exceed the
Requirements of ANSI Standard EIA-485
and ISO-8482 Standards
D Packaged in Shrink Small-Outline Package
with 25 mil Terminal Pitch
D Low Disabled Supply Current
22 mA Typ
D Thermal Shutdown Protection
D Positive- and Negative-Current Limiting
D Power-Up/-Down Glitch Protection
description
The SN75LBC970A SCSI differential converter-
control is an adaptation of the industry’s first
9-channel RS-485 transceiver, the SN75LBC976.
When used in conjunction with one or more of its
companion data transceiver(s), SN75LBC971A,
the chip set provides the superior electrical
performance of differential SCSI from a single-en-
ded SCSI bus controller. A 16-bit, Fast-SCSI bus
can be implemented with just three devices (two
for data and one for control) in the space-efficient,
56-pin, shrink small-outline package (SSOP) and
a few external components.
In a typical differential SCSI node, the SCSI
controller provides the enables for each external
RS-485 transceiver. This could require as many
as 27 additional terminals for a 16-bit differential
bus controller or relegate a 16-bit single-ended
controller to only an 8-bit differential bus. Using the standard nine SCSI control signals, the SN75LBC970A
control transceiver decodes the state of the bus and enables the SN75LBC971A data transceiver(s) to transmit
the single-ended SCSI input signals differentially to the cable or receive the differential cable signals and drive
the single-ended outputs to the controller.
The single-ended SCSI bus interface consists of CMOS bidirectional inputs and outputs. The drivers are rated
at
±16 mA of output current. The receiver inputs are pulled high with approximately 4 mA to eliminate the need
for external pullup resistors for the open-drain outputs of most single-ended SCSI controllers. The single-ended
side of the device is not intended to drive the SCSI bus directly.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
RSTFLTR
RESET
DSENS
CLK40
GND
AATN –
TEST
AACK –
TIMEOUT
AREQ –
AC/D –
VCC
GND
GND
GND
GND
GND
VCC
DRVBUS
SDB
AMSG –
AI/O –
ASEL–
NC
ABSY –
NC
ARST –
NC
X2
X1/CLK20
NC
BATN –
BATN+
BACK –
BACK+
BREQ –
BREQ+
BC/D –
BC/D+
VCC
GND
GND
GND
GND
GND
VCC
BMSG –
BMSG+
BI/O –
BI/O+
BSEL+
BSEL –
BBSY+
BBSY –
BRST+
BRST –
DL PACKAGE
(TOP VIEW)
NC – no internal connection
Terminals 13 through 17 and 40 through 44 are
connected together to the package lead frame and
signal ground.


Similar Part No. - SN75LBC970ADLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75LBC970ADL TI-SN75LBC970ADL Datasheet
309Kb / 20P
SCSI DIFFERENTIAL CONVERTER-CONTROL
More results

Similar Description - SN75LBC970ADLR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75970B TI-SN75970B Datasheet
330Kb / 23P
SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75971B TI-SN75971B Datasheet
208Kb / 15P
SCSI DIFFERENTIAL CONVERTER-DATA
SN75LBC970A TI-SN75LBC970A Datasheet
309Kb / 20P
SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC971A TI-SN75LBC971A Datasheet
184Kb / 14P
SCSI DIFFERENTIAL CONVERTER-DATA
logo
Dallas Semiconductor
DS2108 DALLAS-DS2108 Datasheet
68Kb / 5P
Differential SCSI Switchable Terminator
logo
Texas Instruments
SN75970B2DGG TI-SN75970B2DGG Datasheet
323Kb / 23P
SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75LBC971ADLR TI1-SN75LBC971ADLR Datasheet
202Kb / 15P
SCSI DIFFERENTIAL CONVERTER-DATA
SN75970B TI1-SN75970B_16 Datasheet
324Kb / 23P
SCSI DIFFERENTIAL CONVERTER-CONTROL
SN75971B TI1-SN75971B_16 Datasheet
203Kb / 15P
SCSI DIFFERENTIAL CONVERTER-DATA
logo
Maxim Integrated Produc...
DS2108 MAXIM-DS2108 Datasheet
73Kb / 5P
Differential SCSI Switchable Terminator
112099
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com