Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3000E/2KG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # PCM3000E/2KG4
Description  SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3000E/2KG4 Datasheet(HTML) 1 Page - Texas Instruments

  PCM3000E/2KG4 Datasheet HTML 1Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 2Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 3Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 4Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 5Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 6Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 7Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 8Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
APPLICATIONS
DESCRIPTION
Lch In
Rch In
Analog Front-End
Delta-Sigma
Modulator
Digital
Decimation
Filter
Serial Interface
and
Mode Control
Digital Out
Mode Control
System Clock
B0006-03
Digital In
Digital
Interpolation
Filter
Lch Out
Rch Out
Low-Pass Filter
and
Output Buffer
Multilevel
Delta-Sigma
Modulator
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
18-BIT STEREO AUDIO CODEC, SINGLE-ENDED ANALOG INPUT/OUTPUT
•
Single 5-V Power Supply
•
Monolithic 18-Bit
∆Σ ADC and DAC
•
Small Package: SSOP-28
•
16- or 18-Bit Input/Output Data
•
Accepts Seven Alternate Formats
•
Sampling Keyboards
•
Stereo ADC:
•
Digital Mixers
– Single-Ended Voltage Input
•
Mini-Disk Recorders
– 64
× Oversampling Digital Filter
•
Hard-Disk Recorders
• Pass-Band Ripple: ±0.05 dB
•
Karaoke Systems
• Stop-Band Attenuation: –65 dB
•
DSP-Based Car Stereo
– High Performance:
•
DAT Recorders
• THD+N: –88 dB
•
Video Conferencing
• SNR: 94 dB
• Dynamic Range: 94 dB
– Digital High-Pass Filter
The PCM3000/3001 is a low-cost, single-chip stereo
audio codec (analog-to-digital and digital-to-analog
•
Stereo DAC
converter) with single-ended analog voltage input and
– Single-Ended Voltage Outut
output.
– Analog Low-Pass Filter
Both ADCs and DACs employ delta-sigma modu-
– 8
× Oversampling Digital Filter
lation with 64-times oversampling. The ADCs include
• Pass-Band Ripple: ±0.17 dB
a digital decimation filter and the DACs include an
8-times oversampling digital interpolation filter. The
• Stop-Band Attenuation: 35 dB
DACs also include digital attenuation, de-emphasis,
– High Performance:
infinite zero detection and soft mute to form a
• THD+N: –90 dB
complete subsystem. The PCM3000/3001 operates
with left-justified, right-justified, I
2S or DSP data
• SNR: 98 dB
formats.
• Dynamic Range: 97 dB
The PCM3000 can be programmed with a three-wire
•
Special Features (PCM3000)
serial interface for special features and data formats.
– Digital De-Emphasis
The PCM3001 can be pin-programmed for data
– Digital Attenuation (256 Steps)
formats.
– Soft Mute
The PCM3000 and PCM3001 are fabricated using a
– Digital Loopback
highly advanced CMOS process and are available in
a small 28-pin SSOP package. The PCM3000/3001
•
Sample Rate: 4 kHz to 48 kHz
are suitable for a wide variety of cost-sensitive
•
System Clock: 256 fs, 384 fs, 512 fs
consumer applications where good performance is
required.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
System Two, Audio Precision are trademarks of Audio Precision, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - PCM3000E/2KG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCM3000E/2K TI2-PCM3000E/2K Datasheet
661Kb / 44P
18-BIT STEREO AUDIO CODEC, SINGLE-ENDED ANALOG INPUT/OUTPUT
REVISED OCTOBER 2004
PCM3000E/2K.B TI2-PCM3000E/2K.B Datasheet
661Kb / 44P
18-BIT STEREO AUDIO CODEC, SINGLE-ENDED ANALOG INPUT/OUTPUT
REVISED OCTOBER 2004
More results

Similar Description - PCM3000E/2KG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
PCM3003 BURR-BROWN-PCM3003 Datasheet
206Kb / 23P
16-/20-Bit Single-Ended Analog Input/Output STEREO AUDIO CODECs
PCM3006 BURR-BROWN-PCM3006 Datasheet
227Kb / 16P
16-Bit, Single-Ended Analog Input/Output STEREO AUDIO CODEC
PCM3002 BURR-BROWN-PCM3002_07 Datasheet
546Kb / 39P
16/20-BIT SINGLE-ENDED ANALOG INPUT/OUTPUT STEREO AUDIO CODECS
logo
RF Monolithics, Inc
PX1004-1 RFM-PX1004-1 Datasheet
429Kb / 5P
Single-ended Input and Output
logo
Texas Instruments
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
SINGLE-ENDED ANALOG INPUT/OUTPUT
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
Single-Ended Analog Input/Output
PCM2904 TI1-PCM2904_09 Datasheet
484Kb / 33P
SINGLE-ENDED ANALOG INPUT/OUTPUT AND S/PDIF
PCM3006 TI1-PCM3006_08 Datasheet
561Kb / 30P
Single-Ended Analog Input/Output Stereo Audio Codec
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
Differential Input and Single-Ended Output
logo
WAGO Kontakttechnik Gmb...
750-457 WAGO-750-457 Datasheet
468Kb / 12P
4-channel analog input; 짹10 VDC; Single-ended
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com