Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCM3000E/2KG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # PCM3000E/2KG4
Description  SINGLE-ENDED ANALOG INPUT/OUTPUT
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM3000E/2KG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button PCM3000E/2KG4 Datasheet HTML 6Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 7Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 8Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 9Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 10Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 11Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 12Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 13Page - Texas Instruments PCM3000E/2KG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
www.ti.com
92
94
96
98
100
4.25
4.50
4.75
5.00
5.25
5.50
5.75
VCC − Supply Voltage − V
100
98
96
92
94
G009
Dynamic Range
SNR
0.002
0.004
0.006
0.008
0.010
System Clock
4
3
2
0
1
G008
512 fS
256 fS
384 fS
FS
−60 dB
48 kHz
48 kHz
44.1 kHz
44.1 kHz
0.002
0.004
0.006
0.008
0.010
Resolution
4
3
2
0
1
G010
−60 dB
18-Bit
16-Bit
FS
PCM3000
PCM3001
SBAS055A – OCTOBER 2000 – REVISED OCTOBER 2004
TYPICAL PERFORMANCE CURVES OF DAC SECTION (continued)
All specifications at T
A = 25°C, VCC = VDD = 5 V, fIN = 1 kHz, fS = 44.1 kHz, 18-bit data, and SYSCLK = 384 fS, unless
otherwise noted
THD+N
SNR AND DYNAMIC RANGE
vs
vs
SYSTEM CLOCK AND SAMPLING FREQUENCY
POWER SUPPLY
Figure 8.
Figure 9.
THD+N
vs
INPUT DATA RESOLUTION
Figure 10.
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com