Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6503MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6503MA/NOPB
Description  LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6503MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6503MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
LMH6503
www.ti.com
SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
ESD Tolerance:(3)
Human Body
2KV
Machine Model
200V
Input Current
±10mA
VIN Differential
±(V+
−V−)
Output Current
120mA(4)
Supply Voltages (V+ - V−)
12.6V
Voltage at Input/ Output pins
V+ +0.8V,V− - 0.8V
Soldering Information:
Infrared or Convection (20 sec)
235°C
Wave Soldering (10 sec)
260°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
+150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the Electrical
Characteristics tables.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
Human body model: 1.5k
Ω in series with 100pF. Machine model: 0Ω in series with 200pF.
(4)
The maximum output current (IOUT) is determined by device power dissipation limitations or value specified, whichever is lower.
Operating Ratings
(1)
Supply Voltages (V+ - V−)
5V to 12V
Temperature Range
−40°C to +85°C
Thermal Resistance:
θJA
θJC
14-Pin SOIC
138°C/W
45°C/W
14-Pin TSSOP
160°C/W
51°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the Electrical
Characteristics tables.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com