Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6503MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6503MA/NOPB
Description  LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6503MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6503MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6503MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
10
100
1000
10000
MAX GAIN
MID GAIN
MIN GAIN
AVMAX = 2
RF = 910:
RG = 820:
100
1k
10k
100k
1M
FREQUENCY (Hz)
10
100
1000
10000
MAX GAIN
MID GAIN
MIN GAIN
AVMAX = 10
RF = 1k:
RG = 180:
2.5
3
3.5
4
4.5
5
5.5
6
6.5
-200
0
±VS (V)
-180
-160
-140
-120
-100
-80
-60
-40
-20
MAX
MIN
MID
-0.6
-0.2
0.2
0.6
0
1
2
3
4
5
6
7
8
9
10
VG (V)
-0.4
0.4
0.0
VS = ±2.5V
RF = 980:
RG = 180:
2.5
3
3.5
4
4.5
5
5.5
6
6.5
-25
25
±VS (V)
-20
-15
-10
-5
0
5
10
15
20
MAX
MID
MIN
2.5
3
3.5
4
4.5
5
5.5
6
6.5
±VS (V)
0
20
40
60
80
100
120
140
MAX
MID
MIN
LMH6503
www.ti.com
SNOSA78E – OCTOBER 2003 – REVISED APRIL 2013
Typical Performance Charateristics (continued)
Unless otherwise specified: VS = ±5V, 25°C, VG = VG_MAX, VCM = 0V, RF = 1kΩ, RG = 174Ω, both inputs terminated in 50Ω, RL
= 100
Ω, Typical values, results referred to device output:
Output Offset Voltage vs. ±VS for Various VG
Output Offset Voltage vs. ±VS for Various VG
(Typical Unit 1)
(Typical Unit 2)
Figure 40.
Figure 41.
Output Offset Voltage vs. ±VS for Various VG
(Typical Unit 3)
Gain vs. VG (±2.5V)
Figure 42.
Figure 43.
Noise vs. Frequency (AVMAX = 2)
Noise vs. Frequency (AVMAX = 10)
Figure 44.
Figure 45.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6503



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com