Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6704MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6704MA/NOPB
Description  650 MHz Selectable Gain Buffer with Disable
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6704MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6704MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6704MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
2
3
4
6
1
VOUT
+
-
+5V
-5V
CPOS
6.8 µF
.01 µF
6.8 µF
CNEG
.01 µF
0.1 µF
CSS
LMH6704
RIN
VIN
2
3
4
6
1
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8 µF
.01 µF
6.8 µF
CNEG
.01 µF
RIN
0.1 µF
CSS
LMH6704
2
3
4
6
1
VOUT
+
-
VIN
+5V
-5V
CPOS
6.8 µF
.01 µF
6.8 µF
CNEG
.01 µF
RIN
0.1 µF
CSS
LMH6704
NC
LMH6704
SNOSAD0C – FEBRUARY 2005 – REVISED MARCH 2013
www.ti.com
APPLICATION INFORMATION
Figure 17. Recommended Gain of +2 Circuit
Figure 18. Recommended Gain of +1 Circuit
Figure 19. Recommended Gain of
−1 Circuit
GENERAL INFORMATION
The LMH6704 is a high speed current feedback Selectable Gain Buffer (SGB), optimized for very high speed and
low distortion. With its internal feedback and gain-setting resistors the LMH6704 offers excellent AC performance
while simplifying board layout and minimizing the affects of layout related parasitic components. The LMH6704
has no internal ground reference so single or split supply configurations are both equally useful.
SETTING THE CLOSED LOOP GAIN
The LMH6704 is a current feedback amplifier with on-chip RF = RG = 465Ω. As such it can be configured with an
AV = +2, AV = +1, or an AV = −1 by connecting pins 3 and 4 as described in Table 1.
Table 1.
Input Connections
GAIN AV
Non-Inverting (Pin 3, SOT-23)
Inverting (Pin 4, SOT-23)
−1 V/V
Ground
Input Signal
+1 V/V
Input Signal
NC (Open)
+2 V/V
Input Signal
Ground
The gain accuracy of the LMH6704 is accurate over temperature to within ±1%. The internal gain setting
resistors, RFand RG, match very well. The LMH6704 architecture takes advantage of the fact that the internal
gain setting resistors track each other well over a wide range of temperature and process variation to keep the
overall gain constant, despite the fact that the individual resistors have nominal temperature drifts. Therefore,
using external resistors in series with RG to change the gain will result in poor gain accuracy over temperature.
8
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LMH6704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com