Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6732MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6732MA/NOPB
Description  High Speed Op Amp with Adjustable Bandwidth
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6732MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6732MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
LMH6732
SNOSA47B – FEBRUARY 2003 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics ICC = 1.0mA
(1) (continued)
AV = +2, RF = 1kΩ, VS = ±5V, RL = 500Ω, RP = 412kΩ; Unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(2)
(2)
Static, DC Performance
VIO
Input Offset Voltage
±1.6
±6.0
mV
±7.3
DVIO
Input Offset Voltage Average Drift
See(4)
4
μV/°C
IBN
Input Bias Current
Non Inverting(5)
0.04
±2.0
μA
±2.5
DIBN
Input Bias Current Average Drift
Non-Inverting(4)
−1
nA/°C
IBI
Input Bias Current
Inverting(5)
−0.1
±6
μA
±8
DIBI
Input Bias Current Average Drift
Inverting(4)
−3
nA/°C
+PSRR
Positive Power Supply Rejection Ratio
DC
52
64
dB
51
−PSRR
Negative Power Supply Rejection
DC
51
59
dB
Ratio
49
CMRR
Common Mode Rejection Ratio
DC
49
55
dB
47
ICC
Supply Current
RL = ∞, RP = 412kΩ
0.70
1.0
1.3
mA
0.66
1.4
ICCI
Supply Current During Shutdown
<1
μA
Miscellaneous Performance
RIN
Input Resistance
Non-Inverting
46
M
Ω
CIN
Input Capacitance
Non-Inverting
1.7
pF
ROUT
Output Resistance
Closed Loop
100
m
Ω
VO
Output Voltage Range
RL = ∞
±3.60
±3.78
±3.55
V
VOL
RL = 500Ω
±2.90
±3.10
±2.85
CMIR
Common Mode Input Range
Common Mode
±2.2
V
IO
Output Current
Closed Loop
±6
±9
mA
−15mV ≤ VO ≤ 15mV
TON
Turn-on Time
0.5VPP Sine Wave, 90% of Full
95
Value
ns
TOFF
Turn-off Time
0.5VPP Sine Wave, <5% of Full
40
Value
VO glitch
Turn-on Glitch
15
mV
FDTH
Feed-Through
f = 10MHz, AV = +2, Off State
−61
dB
(4)
Drift determined by dividing the change in parameter distribution average at temperature extremes by the total temperature change
(5)
Negative input current implies current flowing out of the device.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com