Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6732MA/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6732MA/NOPB
Description  High Speed Op Amp with Adjustable Bandwidth
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6732MA/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH6732MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 14Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 15Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 16Page - Texas Instruments LMH6732MA/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
0
20 40 60 80 100 120 140 160 180 200
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
ns
5
10
0
OUTPUT
LMH6732 ON
ICC = 3.4mA
RL = 100:
0
50 100 150 200 250 300 350 400 450 500
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
ns
5
10
0
OUTPUT
LMH6732 ON
ICC = 1mA
RL = 100:
0
10 20 30 40 50 60 70 80 90 100
-0.1
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
ns
3
4
5
6
7
8
10
9
2
1
0
OUTPUT
LMH6732 ON
ICC = 9mA
RL = 100:
0
20
40
80
100
TIME (ns)
60
-3
-2
-1
0
1
2
3
AV = +2
ICC = 1mA
RL = 500:
AV = -1
AV = +2
0
10
20
40
50
TIME (ns)
30
-3
-2
-1
0
1
2
3
AV = +2
ICC = 9mA
RL = 100:
AV = -1
AV = -1
0
10
20
40
50
TIME (ns)
30
-3
-2
-1
0
1
2
3
AV = +2
ICC = 3.4mA
RL = 100:
AV = -1
AV = -1
0
10
20
40
50
TIME (ns)
30
-1.5
-1
-0.5
0
0.5
1
1.5
AV = +2
ICC = 3.4mA
RL = 100:
AV = -1
AV = -1
0
10
20
40
50
60
-1.5
-1
-0.5
0
0.5
1
TIME (ns)
AV = +2
30
ICC = 1mA
RL = 500:
AV = -1
1.5
1.5
0
5
10
15
20
-1.5
-1
-0.5
0
0.5
1
TIME (ns)
AV = +2
AV = -1
ICC = 9mA
RL = 100:
LMH6732
www.ti.com
SNOSA47B – FEBRUARY 2003 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Small Signal Step Response
Small Signal Step Response
Small Signal Step Response
ICC = 9mA
ICC = 3.4mA
ICC = 1mA
Figure 32.
Figure 33.
Figure 34.
Large Signal Step Response
Large Signal Step Response
Large Signal Step Response
ICC = 9mA
ICC = 3.4mA
ICC = 1mA
Figure 35.
Figure 36.
Figure 37.
Output Glitch
Output Glitch
Output Glitch
ICC = 9mA
ICC = 3.4mA
ICC = 1mA
Figure 38.
Figure 39.
Figure 40.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH6732



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com