Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2012QML-SP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2012QML-SP
Description  Dual High Precision, Rail-to-Rail Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2012QML-SP Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMP2012QML-SP Datasheet HTML 5Page - Texas Instruments LMP2012QML-SP Datasheet HTML 6Page - Texas Instruments LMP2012QML-SP Datasheet HTML 7Page - Texas Instruments LMP2012QML-SP Datasheet HTML 8Page - Texas Instruments LMP2012QML-SP Datasheet HTML 9Page - Texas Instruments LMP2012QML-SP Datasheet HTML 10Page - Texas Instruments LMP2012QML-SP Datasheet HTML 11Page - Texas Instruments LMP2012QML-SP Datasheet HTML 12Page - Texas Instruments LMP2012QML-SP Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
C4
0.01
PF
1N4733A
(5.1V)
D1
7
2
6
4
3
-
+
R1
R7, 3.9k
R2
C2
3
2
6
7
4
LMP201X
U1
LM6171
U2
-
+
R5, 1M
(+2.5V)
Output
+15V
R4
3.9k
R3
20k
C3
0.01 PF
+15V
-15V
Input
+
-
+
-
VOUT
5V
R1
R2
R2
R1
10k, 0.1%
2k, 1%
2k, 1%
10k, 0.1%
R3
20:
LMP2012QML
www.ti.com
SNOSAU5H – MARCH 2007 – REVISED APRIL 2013
PRECISION STRAIN-GAUGE AMPLIFIER
This Strain-Gauge amplifier (Figure 5) provides high gain (1006 or ~60 dB) with very low offset and drift. Using
the resistors' tolerances as shown, the worst case CMRR will be greater than 108 dB. The CMRR is directly
related to the resistor mismatch. The rejection of common-mode error, at the output, is independent of the
differential gain, which is set by R3. The CMRR is further improved, if the resistor ratio matching is improved, by
specifying tighter-tolerance resistors, or by trimming.
Figure 5.
Extending Supply Voltages and Output Swing by Using a Composite Amplifier Configuration:
In cases where substantially higher output swing is required with higher supply voltages, arrangements like the
ones shown in Figure 6 and Figure 7 could be used. These configurations utilize the excellent DC performance
of the LMP2012 while at the same time allow the superior voltage and frequency capabilities of the LM6171 to
set the dynamic performance of the overall amplifier. For example, it is possible to achieve ±12V output swing
with 300 MHz of overall GBW (AV = 100) while keeping the worst case output shift due to VOS less than 4 mV.
The LMP2012 output voltage is kept at about mid-point of its overall supply voltage, and its input common mode
voltage range allows the V- terminal to be grounded in one case (Figure 6, inverting operation) and tied to a
small non-critical negative bias in another (Figure 7, non-inverting operation). Higher closed-loop gains are also
possible with a corresponding reduction in realizable bandwidth. Table 2 shows some other closed loop gain
possibilities along with the measured performance in each case.
Figure 6.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMP2012QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com