Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP2012QML-SP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMP2012QML-SP
Description  Dual High Precision, Rail-to-Rail Output Operational Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2012QML-SP Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMP2012QML-SP Datasheet HTML 5Page - Texas Instruments LMP2012QML-SP Datasheet HTML 6Page - Texas Instruments LMP2012QML-SP Datasheet HTML 7Page - Texas Instruments LMP2012QML-SP Datasheet HTML 8Page - Texas Instruments LMP2012QML-SP Datasheet HTML 9Page - Texas Instruments LMP2012QML-SP Datasheet HTML 10Page - Texas Instruments LMP2012QML-SP Datasheet HTML 11Page - Texas Instruments LMP2012QML-SP Datasheet HTML 12Page - Texas Instruments LMP2012QML-SP Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
-
+
LMP201X
+Input
-Input
(0V to 5V Range)
430:
LM9140-2.5
+2.5V
+5V
ADC1203X
+VREF
GND
-VREF
VIN
+5V
1M
C4
0.01
PF
1N4731A
(4.3V)
D1
7
2
6
4
3
Input
-15V
R6
10k
(-0.7V)
-
+
R1
R7, 3.9k
R2
C2
3
2
6
7
4
LMP201X
U1
LM6171
U2
+
-
R5, 1M
(+2.5V)
Output
C5
0.01 PF
+15V
R4
3.9k
R3
20k
D2
1N4148
C3
0.01 PF
+15V
LMP2012QML
SNOSAU5H – MARCH 2007 – REVISED APRIL 2013
www.ti.com
Table 2. Composite Amplifier Measured Performance
AV
R1
R2
C2
BW
SR
en p-p
Ω
Ω
pF
MHz
(V/
μs)
(mVPP)
50
200
10k
8
3.3
178
37
100
100
10k
10
2.5
174
70
100
1k
100k
0.67
3.1
170
70
500
200
100k
1.75
1.4
96
250
1000
100
100k
2.2
0.98
64
400
In terms of the measured output peak-to-peak noise, the following relationship holds between output noise
voltage, en p-p, for different closed-loop gain, AV, settings, where −3 dB Bandwidth is BW:
Figure 7.
It should be kept in mind that in order to minimize the output noise voltage for a given closed-loop gain setting,
one could minimize the overall bandwidth. As can be seen from Equation 1 above, the output noise has a
square-root relationship to the Bandwidth.
In the case of the inverting configuration, it is also possible to increase the input impedance of the overall
amplifier, by raising the value of R1, without having to increase the feed-back resistor, R2, to impractical values,
by utilizing a "Tee" network as feedback. See the LMC6442 data sheet (Application Notes section) for more
details on this.
Figure 8.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP2012QML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com