Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7707MA/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7707MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7707MA/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMP7707MA/NOPB Datasheet HTML 11Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 12Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 13Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 14Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 15Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 16Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 17Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
100
1k
10k
100k
1M
FREQUENCY (Hz)
40
60
80
100
120
140
VS = 3V
VS = 5V
VS = 12V
FREQUENCY (Hz)
1
0.1
0.01
10
100
1k
10k
100k
AV = +10
AV = +100
VS = 5V
VOUT = 4.5VPP
RL = 100 k:
Noise band = 500 kHz
VOUT (VPP)
100
10
1
0.1
0.01
0.01
0.1
1
10
AV = +10
AV = +100
VS = 5V
f = 1 kHz
RL = 100 k:
Noise band = 500 kHz
LMP7707, LMP7708, LMP7709
www.ti.com
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, TA = 25°C, VCM = VS/2, RL > 10 kΩ connected to (V
++V−)/2
THD+N vs. Frequency
THD+N vs. Output Voltage
Figure 42.
Figure 43.
Crosstalk Rejection Ratio vs.
Frequency(LMP7708/LMP7709)
Figure 44.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com