Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7707MA/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7707MA/NOPB
Description  Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7707MA/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LMP7707MA/NOPB Datasheet HTML 18Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 19Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 20Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 21Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 22Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 23Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 24Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 25Page - Texas Instruments LMP7707MA/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
= 1 +
= 1 +
+
R
F
R //R
1
c
1
F
R
F
R
1
R
F
R
c
-
+
RF
VOUT
R1
RC
AOL
Gmin = 20 dB
f1
f2
= 6 dB
= 1 +
RF
R1
1
F
1
F
|ACL|(min) = Gmin - 1
LMP7707, LMP7708, LMP7709
SNOSAW5B – JUNE 2007 – REVISED MARCH 2013
www.ti.com
For an inverting configuration:
(8)
If R1 and RF and are chosen so that the closed loop gain is lower than the minimum gain required for stability,
then 1/F intersects the open loop gain curve for a value that is lower than GMIN. For example, assume the GMIN is
equal to 10 V/V (20 dB). This is shown as the dashed line in Figure 53. The resistor choice of RF = R1 = 2 kΩ
makes the inverse feedback equal 2 V/V (6 dB), shown in Figure 53 as the solid line. The intercept of G and 1/F
represents the frequency for which the loop gain is identical to 1 (0 dB). Consequently, the total phase shift at the
frequency of this intercept determines the phase margin and the overall system stability. In this system example
1/F crosses the open loop gain at a frequency which is larger than the frequency where GMIN occurs, therefore
this system has less than 45° phase margin and is most likely instable.
Figure 53. 1/F for RF = R1 and Open Loop Gain Plot
RESISTIVE COMPENSATION
A straightforward way to achieve a stable amplifier configuration is to add a resistor RC between the inverting and
the non-inverting inputs as shown in Figure 54.
Figure 54. Op Amp with Compensation Resistor between Inputs
This additional resistor RC will not affect the closed loop gain of the amplifier but it will have positive impact on
the feedback network.
The inverse feedback function of this circuit is:
(9)
22
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LMP7707 LMP7708 LMP7709



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com