Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7717MFE/NOPB Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717MFE/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7717MFE/NOPB Datasheet(HTML) 30 Page - Texas Instruments

Back Button LMP7717MFE/NOPB Datasheet HTML 26Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 27Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 28Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 29Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 30Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 31Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 32Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 33Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMP7717MAE/NOPB
SOIC
D
8
250
178.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMP7717MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMP7717MF/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMP7717MFE/NOPB
SOT-23
DBV
5
250
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMP7717MFX/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMP7718MAE/NOPB
SOIC
D
8
250
178.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMP7718MAX/NOPB
SOIC
D
8
2500
330.0
12.4
6.5
5.4
2.0
8.0
12.0
Q1
LMP7718MM/NOPB
VSSOP
DGK
8
1000
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMP7718MME/NOPB
VSSOP
DGK
8
250
178.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
LMP7718MMX/NOPB
VSSOP
DGK
8
3500
330.0
12.4
5.3
3.4
1.4
8.0
12.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
8-Apr-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com