Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMP7717MFE/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMP7717MFE/NOPB
Description  88 MHz, Precision, Low Noise, 1.8V CMOS Input, Decompensated Operational Amplifier
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP7717MFE/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP7717MFE/NOPB Datasheet HTML 7Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 8Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 9Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 10Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 11Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 12Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 13Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 14Page - Texas Instruments LMP7717MFE/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
0
20
40
60
80
100
120
RLOAD = 600:
-40°C
25°C
125°C
0.1
1
10
1k
10k
FREQUENCY (Hz)
1
10
100
1000
100
5V
2.5V
125°C
25°C
-40°C
0
10
20
30
40
45
50
5
15
25
35
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
RLOAD = 2 k:
1.8
2.5
3.2
3.9
4.6
5.3
6
0
10
20
30
40
50
60
70
80
90
100
V
+
(V)
125°C
25°C
-40°C
RLOAD = 600:
1.8
2.5
3.2
3.9
4.6
5.3
6
0
5
10
15
20
25
30
35
40
45
50
V
+
(V)
125°C
25°C
-40°C
RLOAD = 2 k:
1.8
2.5
3.2
3.9
4.6
5.3
6
V
+
(V)
0
5
10
15
20
25
-40°C
25°C
125°C
RLOAD = 10 k:
LMP7717, LMP7718
www.ti.com
SNOSAY7H – MARCH 2007 – REVISED MARCH 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Unless otherwise specified, TA = 25°C, V
– = 0, V+ = 5V, V
S = V
+ - V−, V
CM = VS/2.
Negative Output Swing
Positive Output Swing
vs.
vs.
Supply Voltage
Supply Voltage
Figure 24.
Figure 25.
Negative Output Swing
Positive Output Swing
vs.
vs.
Supply Voltage
Supply Voltage
Figure 26.
Figure 27.
Negative Output Swing
Input Referred Voltage Noise
vs.
vs.
Supply Voltage
Frequency
Figure 28.
Figure 29.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP7717 LMP7718



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com