Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM7121IM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM7121IM/NOPB
Description  LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7121IM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM7121IM/NOPB Datasheet HTML 3Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 4Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 5Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 6Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 7Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 8Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 9Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 10Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
LM7121
www.ti.com
SNOS750A – AUGUST 1999 – REVISED OCTOBER 2014
±5V DC Electrical Characteristics (continued)
Unless otherwise specified, all limits ensured for V+ = 5V, V
− = −5V, V
CM = VO = 0 V and RL > 1 MΩ. Boldface limits apply at
the temperature extremes.
LM7121I
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
LIMIT(2)
V
3
2.5
min
VCM
Input Common Mode Voltage Range
CMRR
≥ 60 dB
V
−3
−2.5
max
60
dB
AV
Large Signal Voltage Gain
RL = 2 kΩ, VO = 3 VPP
66
58
min
3.0
V
3.62
2.75
min
RL = 2 kΩ
−3.0
V
−3.62
−2.70
max
VO
Output Swing
2.5
V
3.1
2.3
min
RL = 150 Ω
−2.15
V
−2.8
−2.00
max
38
mA
Sourcing
53
33
min
ISC
Output Short Circuit Current
21
mA
Sinking
29
19
min
6.4
mA
IS
Supply Current
5.1
7.2
max
6.8 ±5V AC Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = 5V, V− = −5V, V
CM = VO = 0 V and RL > 1 MΩ. Boldface limits apply at
the temperature extremes.
LM7121I
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
LIMIT(2)
SR
Slew Rate(3)
AV = +2, RL = 1 kΩ, VO = 6 VPP
520
V/µs
GBW
Unity Gain-Bandwidth
RL = 1 kΩ
105
MHz
Øm
Phase Margin
RL = 1 kΩ
74
Deg
RL = 100 Ω, AV = +1
160
MHz
f (
−3 dB)
Bandwidth(4)(5)
RL = 100 Ω, AV = +2
50
MHz
ts
Settling Time
5 VPP Step, to 0.1%, RL = 500 Ω
65
ns
tr, tf
Rise and Fall Time(5)
AV = +2, RL = 100 Ω, VO = 0.4 VPP
5.8
ns
AD
Differential Gain
AV = +2, RL = 150 Ω
0.3%
ØD
Differential Phase
AV = +2, RL = 150 Ω
0.65
Deg
en
Input-Referred Voltage Noise
f = 10 kHz
17
nV /
√Hz
in
Input-Referred Current Noise
f = 10 kHz
2
pA /
√Hz
2 VPP Output, RL = 150 Ω,
0.1%
AV = +2, f = 1 MHz
T.H.D.
Total Harmonic Distortion
2 VPP Output, RL = 150 Ω,
0.6
AV = +2, f = 5 MHz
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Unity gain operation for ±5 V and ±15 V supplies is with a feedback network of 510
Ω and 3 pF in parallel (see Application and
Implementation). For +5V single supply operation, feedback is a direct short from the output to the inverting input.
(5)
AV = +2 operation with 2 kΩ resistors and 2 pF capacitor from summing node to ground.
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM7121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com