Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM7121IM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM7121IM/NOPB
Description  LM7121 235-MHz Tiny Low Power Voltage Feedback Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM7121IM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM7121IM/NOPB Datasheet HTML 4Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 5Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 6Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 7Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 8Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 9Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 10Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 11Page - Texas Instruments LM7121IM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
LM7121
SNOS750A – AUGUST 1999 – REVISED OCTOBER 2014
www.ti.com
6.9 +5V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = +5V, V− = 0 V, V
CM = VO = V
+/2 and R
L > 1 MΩ. Boldface limits apply
at the temperature extremes.
LM7121I
PARAMETER
TEST CONDITIONS
TYP(1)
UNIT
LIMIT(2)
VOS
Input Offset Voltage
2.4
mV
IB
Input Bias Current
4
µA
IOS
Input Offset Current
0.04
µA
RIN
Common Mode
2.6
M
Input Resistance
Differential Mode
3.4
M
CIN
Input Capacitance
Common Mode
2.3
pF
CMRR
Common Mode Rejection Ratio
2V
≤ VCM ≤ 3V
65
dB
+PSRR
Positive Power Supply Rejection Ratio
4.6V
≤ V+ ≤ 5V
85
dB
−PSRR
Negative Power Supply Rejection Ratio
0V
≤ V− ≤ 0.4V
61
dB
3.5
V min
VCM
Input Common-Mode Voltage Range
CMRR 45 dB
1.5
V max
AV
Large Signal Voltage Gain
RL = 2 kΩ to V
+/2
64
dB
RL = 2 kΩ to V
+/2, High
3.7
RL = 2 kΩ to V
+/2, Low
1.3
VO
Output Swing
V
RL = 150 Ω to V
+/2, High
3.48
RL = 150 Ω to V
+/2, Low
1.59
ISC
Output Short Circuit Current
Sourcing
33
mA
Sinking
20
mA
IS
Supply Current
4.8
mA
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are ensured by testing or statistical analysis.
6.10 +5V AC Electrical Characteristics
Unless otherwise specified, all limits ensured for V
+ = +5V, V− = 0 V, V
CM = VO = V
+/2 and R
L > 1 MΩ. Boldface limits apply
at the temperature extremes.
PARAMETER
TEST CONDITIONS
TYP(1)
LM7121I
UNIT
LIMIT(2)
AV = +2, RL = 1 kΩ to V
+/2,
SR
Slew Rate(3)
145
V/µs
VO = 1.8 VPP
GBW
Unity Gain-Bandwidth
RL = 1k to V
+/2
80
MHz
Øm
Phase Margin
RL = 1k to V
+/2
70
Deg
RL = 100 Ω to V
+/2, A
V = +1
200
f (
−3 dB)
Bandwidth(4)(5)
MHz
RL = 100 Ω to V
+/2, A
V = +2
45
tr, tf
Rise and Fall Time(5)
AV = +2, RL = 100 Ω , VO = 0.2 VPP
8
ns
0.6 VPP Output, RL = 150 Ω,
0.067%
AV = +2, f = 1 MHz
T.H.D.
Total Harmonic Distortion
0.6 VPP Output, RL = 150 Ω,
0.33%
AV = +2, f = 5 MHz
(1)
Typical Values represent the most likely parametric norm.
(2)
All limits are ensured by testing or statistical analysis.
(3)
Slew rate is the average of the rising and falling slew rates.
(4)
Unity gain operation for ±5 V and ±15 V supplies is with a feedback network of 510
Ω and 3 pF in parallel (see Application and
Implementation). For +5V single supply operation, feedback is a direct short from the output to the inverting input.
(5)
AV = +2 operation with 2 kΩ resistors and 2 pF capacitor from summing node to ground.
8
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com