Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC6035IM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6035IM/NOPB
Description  LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6035IM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMC6035IM/NOPB Datasheet HTML 1Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 2Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 3Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
LMC6035, LMC6035-Q1, LMC6036
SNOS875G – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
Table 1. DSBGA Connection Table
LM6035IBP
LMC6035ITL
Bump Number
LMC6035IBPX
LMC6035ITLX
A1
OUTPUT A
OUTPUT B
B1
IN A−
V+
C1
IN A+
OUTPUT A
C2
V−
IN A−
C3
IN B+
IN A+
B3
IN B−
V−
A3
OUTPUT B
IN B+
A2
V+
IN B−
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance(3)
Human Body Model (LMC6035, LMC6036)
3000V
Human Body Model (LMC6035-Q1)
2000V
Machine Model
300V
Differential Input Voltage
± Supply Voltage
Supply Voltage (V+
− V−)
16V
Output Short Circuit to V +
See(4)
Output Short Circuit to V −
See(5)
Lead Temperature (soldering, 10 sec.)
260°C
Current at Output Pin
±18mA
Current at Input Pin
±5mA
Current at Power Supply Pin
35mA
Storage Temperature Range
−65°C to +150°C
Junction Temperature(6)
150°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human body model, 1.5k
Ω in series with 100pF.
(4)
Do not short circuit output to V+ when V+ is greater than 13V or reliability will be adversely affected.
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 30mA over long term may adversely affect
reliability.
(6)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) −TA)/θ JA. All numbers apply for packages soldered directly onto a PC board with no air flow.
Operating Ratings
(1)
Supply Voltage
2.0V to 15.5V
Temperature Range
LMC6035I and LMC6036I
−40°C ≤ T J ≤ +85°C
Thermal Resistance (
θJA)
8-pin VSSOP
230°C/W
8-pin SOIC
175°C/W
14-pin SOIC
127°C/W
14-pin TSSOP
137°C/W
8-Bump (6 mil) DSBGA
220°C/W
8-Bump (12 mil) Thin DSBGA
220°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications and the test
conditions, see the Electrical Characteristics.
2
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMC6035 LMC6035-Q1 LMC6036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com