Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC6035IM/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMC6035IM/NOPB
Description  LMC6035/LMC6035-Q1/LMC6036 Low Power 2.7V Single Supply CMOS Operational Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6035IM/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMC6035IM/NOPB Datasheet HTML 4Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 5Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 6Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 7Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 8Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 9Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 10Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 11Page - Texas Instruments LMC6035IM/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
LMC6035, LMC6035-Q1, LMC6036
SNOS875G – JANUARY 2000 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = 2.7V, single supply, TA = 25°C
Frequency Response
Frequency Response
vs.
vs.
Temperature
Temperature
Figure 20.
Figure 21.
Gain and Phase
Gain and Phase
vs.
vs.
Capacitive Load
Capacitive Load
Figure 22.
Figure 23.
Slew Rate
vs.
Supply Voltage
Non-Inverting Large Signal Response
Figure 24.
Figure 25.
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LMC6035 LMC6035-Q1 LMC6036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com