Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV641MA/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641MA/NOPB
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MA/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LMV641MA/NOPB Datasheet HTML 11Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 12Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 18Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
AVCL =
R4
RTHEV + R2
= 23.2
1012:
988:
SIG + = 4.554V
988:
1012:
9V
SIG - = 4.446V
VSIG = 108 mV
-
+
SIG -
SIG +
VO = [(SIG + ) ± (SIG -)]
R4
R2
R4
R2
R1
R3
R1 = R2 = R3 = R4
VSIG = VEXC x
'R
R
LMV641
www.ti.com
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
(2)
Since
ΔR is proportional to the field strength, BS, the amount of output voltage from the sensor is a function of
sensor sensitivity, S. This expression can rewritten as VSIG = VEXC · S · BS, where
S = material constant (nominally 1 mV/V/gauss)
BS = magnetic flux in gauss
A simplified schematic of a single op amp, differential amplifier is shown in Figure 45. The Thevenin equivalent
circuit of the sensor can be used to calculate the gain of this amplifier.
Figure 45. Differential Input Amplifier
The Honeywell HMC1051Z AMR sensor has nominal 1 k
Ω elements and a sensitivity of 1 mV/V/gauss and is
being used with 9V of excitation with a full scale magnetic field range of ±6 gauss. At full-scale, the resistors will
have
ΔR ≈ 12Ω and 108 mV will be seen from Sig− to Sig+ (refer to Figure 46).
Figure 46. Sensor Output with No Load
Referring to the simplified diagram in Figure 45, and assuming that required full scale at the output of the
amplifier is 2.5V, a gain of 23.2 is needed for U1. It is clear from the Thevenin equivalent circuit in Figure 47 that
a sensor Thevenin equivalent source resistance, RTHEV, of 500Ω will be in series with both the inverting and non-
inverting inputs of the LMV641. Therefore, the required gain is:
(3)
Choosing R1 = R2 = 24.5 kΩ, then R4 will be approximately 580 kΩ. The actual values chosen will depend on the
full-scale needs of the succeeding circuitry as well as bandwidth requirements. The values shown here provide a
−3 dB bandwidth of approximately 431 kHz, and are found as follows.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com