Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV641MA/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMV641MA/NOPB
Description  LMV641
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV641MA/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMV641MA/NOPB Datasheet HTML 13Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 14Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 15Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 16Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 17Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 18Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 19Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 20Page - Texas Instruments LMV641MA/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
-
+
VS/2
LMV641
VS
C3
2.2 nF
R3
5.23 k:
VOUT
VOICE IN
C1
0.5 PF
R1
5.23 k:
R2
12.1 k:
C2
15 nF
1
¨
¨
©
§
1 -
1
2
n+1
- 1 = 0.062 x f-3 dB
MAX FREQ =
= 0.062 x 380 kHz = 23.56 kHz
2
LMV641
www.ti.com
SNOSAW3C – SEPTEMBER 2007 – REVISED FEBRUARY 2013
(5)
which is the highest frequency that can be measured with required accuracy.
VOICEBAND FILTER
The majority of the energy of recognizable speech is within a band of frequencies between 200 Hz and 4 kHz.
Therefore it is beneficial to design circuits which transmit telephone signals that pass only certain frequencies
and eliminate unwanted signals (noise) that could interfere with conversations and introduce error into control
signals. The pass band of these circuits is defined as the ranges of frequencies that are passed. A telephone
system voice frequency (VF) channel has a pass band of 0 Hz to 4 kHz. Specifically for human voices most of
the energy content is found from 300 Hz to 3 kHz and any signal within this range is considered an in-band
signal. Alternatively, any signal outside this range but within the VF channel is considered an out-of-band signal.
To properly recover a voice signal in applications such as cellular phones, cordless phones, and voice pagers, a
low power bandpass filter that is matched to the human voice spectrum can be implemented using an LMV641
op amp. Figure 48 shows a multi-feedback, multi-pole filter (2nd order response) with a gain of
−1. The lower 3
dB cutoff frequency which is set by the DC blocking capacitor C1 and resistor R1 is 60 Hz and the upper cutoff
frequency is 3.5 kHz.
The total current consumption is a mere 138 µA. The LV641 is operating with a gain of
−1, but the circuit is easily
modified to add gain. The op amp is powered from a single supply, hence the need for offset (common-mode)
adjustment of its output, which is set to ½ VS via its non-inverting input.
This filter is also useful in applications for battery operated talking toys and games.
Figure 48. Low Power Voice In-Band Receive Filter for Battery-Powered Portable Use
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMV641



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com