Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6586VS/NOPB Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6586VS/NOPB
Description  LMH6586 32x16 Video Crosspoint Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6586VS/NOPB Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMH6586VS/NOPB Datasheet HTML 21Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 22Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 23Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 24Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 25Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 26Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 27Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 28Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
SCL
SDA
A7
A6
A5
A4
A3
A2
A1
A0
0
0
1
0
0
0
0
0
0
0
Address
SCL
SDA
D7
D6
D5
D4
D3
D2
D1
D0
D6
D5
D4
D3
D2
D1
D0
0
0
Data Byte 1
Data Byte n
0
Write Address Byte (0 x 02)
Acknowledge
Acknowledge
Stop
Condition
Start
Condition
D7
1
1
0
0
0
0
0
0
Start
Condition
Read Address Byte (0 x 03)
LMH6586
www.ti.com
SNCS105D – JULY 2008 – REVISED MARCH 2013
READ SEQUENCE
Read sequences are comprised of two I2C transfers shown. The first is the address access transfer, which
consists of a write sequence that transfers only the address to be accessed. The second is the data read
transfer, which starts at the address accessed in the first transfer and increments to the next address per data
byte read until a stop condition is encountered.
The address access transfer consists of a start condition, the slave device address including the read/write bit (a
zero, indicating a write), and the ACK bit. The next byte is the address to be accessed, followed by the ACK bit
and the stop condition to indicate the end of the address access transfer.
The subsequent read data transfer consists of a start condition, the slave device address including the read/write
bit (a one, indicating a read), and the ACK bit. The next byte is the data read from the initial access address.
Subsequent read data bytes will correspond to the next increment address locations. Note that each data byte is
followed by an ACK bit until a stop condition is encountered, indicating the end of the sequence.
The timing diagram for the read sequence is shown in Figure 55, which uses the 7-bit slave address from the
previous examples.
Figure 55. LMH6586 Read Sequence
REGISTER DESCRIPTIONS
Video and Sync Detection Status Registers
Registers 0x00 to 0x03 (read-only) contain the sync detection status bits for all 32 input channels. Any input (m)
has a sync detection status bit (SD_m) that can flag high when a loss of sync is detected; otherwise, the status
bit will be low to indicate presence of sync.
Registers 0x04 to 0x07 (read-only) contain the video detection status bits for all 32 input channels. Any input (m)
has a video detection status bit (VD_m) that can flag high when either loss of video or presence of video is
detected, depending on the respective invert control bit (see Video Detection Invert Registers). Assuming the
default setting for the invert control bit, the status bit (VD_m) will flag high when loss of video is detected on the
input; otherwise, the status bit will be low indicating presence of video.
Video and Sync Detection Control Registers
Video Detection Invert Registers
Registers 0x0C to 0x0F contain the video detection invert control bits for all input channels. Any input (m) has a
invert control bit that can invert the polarity of the video detection status bit (VD_INV_m). When the invert bit
(VD_INV_m) is set to 0 (default), the respective status bit (VD_m) will flag high to indicate loss of video on the
input; otherwise, when the invert bit is set to 1, the status bit will flag high to indicate presence of video.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LMH6586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com