Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6586VS/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6586VS/NOPB
Description  LMH6586 32x16 Video Crosspoint Switch
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6586VS/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMH6586VS/NOPB Datasheet HTML 1Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 2Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 3Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 4Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 5Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 6Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 7Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 8Page - Texas Instruments LMH6586VS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LMH6586
www.ti.com
SNCS105D – JULY 2008 – REVISED MARCH 2013
PIN DESCRIPTIONS
Pin #
Pin Name
Pin Description
1
VIN_31
VIDEO INPUT 31
2
VIN_30
VIDEO INPUT 30
3
VIN_29
VIDEO INPUT 29
4
VIN_28
VIDEO INPUT 28
5
VIN_27
VIDEO INPUT 27
6
VIN-26
VIDEO INPUT 26
7
VIN_25
VIDEO INPUT 25
8
VIN_24
VIDEO INPUT 24
9
VDD
VDD (connect to 5V supply)
10
GND
GND
11
VIN_23
VIDEO INPUT 23
12
VIN_22
VIDEO INPUT 22
13
VIN_21
VIDEO INPUT 21
14
VIN_20
VIDEO INPUT 20
15
VIN_19
VIDEO INPUT 19
16
VIN_18
VIDEO INPUT 18
17
VIN_17
VIDEO INPUT 17
18
VIN_16
VIDEO INPUT 16
19
VDD
VDD (connect to 5V supply)
20
GND
GND
21
VBIAS 1
VBIAS 1 (connect to external 0.1 µF capacitor)
22
VOUT_16
VIDEO OUTPUT 16
23
VOUT_15
VIDEO OUTPUT 15
24
VOUT_14
VIDEO OUTPUT 14
25
VOUT_13
VIDEO OUTPUT 13
26
VOUT_12
VIDEO OUTPUT 12
27
VOUT_11
VIDEO OUTPUT 11
28
VOUT_10
VIDEO OUTPUT 10
29
VOUT_9
VIDEO OUTPUT 9
30
VOUT_8
VIDEO OUTPUT 8
31
GND
GND
32
VDD
VDD (connect to 5V supply)
33
VOUT_7
VIDEO OUTPUT 7
34
VOUT_6
VIDEO OUTPUT 6
35
VOUT_5
VIDEO OUTPUT 5
36
VOUT_4
VIDEO OUTPUT 4
37
VOUT_3
VIDEO OUTPUT 3
38
VOUT_2
VIDEO OUTPUT 2
39
VOUT_1
VIDEO OUTPUT 1
40
VOUT_0
VIDEO OUTPUT 0
41
GND
GND
42
VDD
VDD (connect to 5V supply)
43
VIN_0
VIDEO INPUT 0
44
VIN_1
VIDEO INPUT 1
45
VIN_2
VIDEO INPUT 2
46
VIN_3
VIDEO INPUT 3
47
VIN_4
VIDEO INPUT 4
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH6586



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com