Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6609MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6609MA/NOPB
Description  LMH6609 900MHz Voltage Feedback Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6609MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6609MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
1
10
100
1000
FREQUENCY (MHz)
-10
-8
-6
-4
-2
0
2
CL = 100pF, ROUT = 17:
CL = 10pF, ROUT = 55:
CL = 33pF, ROUT = 32:
VS = ±5V
LOAD = 1k:||CL
VOUT = 1VPP
1
10
100
1000
CAPACITIVE LOAD (pF)
0
10
20
30
40
50
60
70
LOAD = 1k: || CL
FREQUENCY (MHz)
10
100
1000
-9
-7
-5
-3
-1
1
3
VOUT = 2VPP
VOUT = 1VPP
VOUT = 0.25VPP
VOUT = 4VPP
VS = ±5V
RF = 250:
AV = -1V/V
1
10
100
1000
FREQUENCY (MHz)
-10
-8
-6
-4
-2
0
2
CL = 100pF, ROUT = 17:
CL = 10pF, ROUT = 55:
CL = 33pF, ROUT = 32:
VS = ±3.3V
LOAD = 1k:||CL
VOUT = 1VPP
1
10
100
1000
FREQUENCY (MHz)
-9
-7
-5
-3
-1
1
3
VOUT = 0.25VPP
VS = ±3.3V
RF = 0:
AV = 1V/V
VOUT = 2VPP
VOUT = 1VPP
VOUT = 0.5VPP
1
10
100
1000
FREQUENCY (MHz)
-9
-7
-5
-3
-1
1
3
VOUT = 0.25VPP
VS = ±3.3V
RF =
:
AV = -1V/V
VOUT = 2VPP
VOUT = 1VPP
VOUT = 0.5VPP
LMH6609
www.ti.com
SNOSA84F – AUGUST 2003 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Frequency Response
Frequency Response
vs.
vs.
VOUT AV = 1
VOUT AV = −1
Figure 8.
Figure 9.
Frequency Response
Frequency Response
vs.
vs.
VOUT AV = −1
Cap Load
Figure 10.
Figure 11.
Frequency Response
Suggested ROUT
vs.
vs.
Cap Load
Cap Load
Figure 12.
Figure 13.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6609



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com