Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6609MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6609MA/NOPB
Description  LMH6609 900MHz Voltage Feedback Op Amp
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6609MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6609MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6609MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
0
5
10
15
20
25 30
35
40
45
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
TIME (ns)
AV = +2
AV = -1
VOUT = 4VPP
VS = ±5V
0
5
10
15
20
25
30
35
40
TIME (ns)
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
AV = +2
AV = -1
VOUT + 1VPP
VS = ±5V
0
5
10
15
20
25
30
35
40 45
-0.75
-0.5
-0.25
0
0.25
0.5
0.75
TIME (ns)
AV = +2
AV = -1
VOUT = 1VPP
VS = ±3.3V
0.001
0.1
100
FREQUENCY (MHz)
0
20
90
10
1
0.01
70
60
10
80
50
40
30
PSRR-
PSRR+
VS = ±5V
90
0.001
0.1
100
FREQUENCY (MHz)
10
40
10
1
0.01
70
60
30
20
50
80
VS = ±5V
VS = ±3.3V
0.001
0.1
100
FREQUENCY (MHz)
0
20
90
10
1
0.01
70
60
10
80
50
40
30
PSRR-
PSRR+
VS = ±3.3V
LMH6609
SNOSA84F – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
CMRR
PSRR
vs.
vs.
Frequency
Frequency
Figure 14.
Figure 15.
PSRR
vs.
Frequency
Pulse Response
Figure 16.
Figure 17.
Pulse Response
Large Signal Pulse Response
Figure 18.
Figure 19.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMH6609



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com