Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6628MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6628MA/NOPB
Description  LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6628MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH6628MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LMH6628
www.ti.com
SNOSA02D – MAY 2002 – REVISED MARCH 2013
Electrical Characteristics
(1)
VCC = ±5V, AV = +2V/V, RF = 100Ω, RG = 100Ω, RL = 100Ω; unless otherwise specified. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Frequency Domain Response
GB
Gain Bandwidth Product
VO < 0.5VPP
200
MHz
SSBW
-3dB Bandwidth, AV = +1
VO < 0.5VPP
180
300
MHz
SSBW
-3dB Bandwidth, AV = +2
VO < 0.5VPP
100
MHz
GFL
Gain Flatness
VO< 0.5VPP
GFP
Peaking
DC to 200MHz
0.0
dB
GFR
Rolloff
DC to 20MHz
.1
dB
LPD
Linear Phase Deviation
DC to 20MHz
.1
deg
Time Domain Response
TR
Rise and Fall Time
1V Step
4
ns
TS
Settling Time
2V Step to 0.1%
12
ns
OS
Overshoot
1V Step
1
%
SR
Slew Rate
4V Step
300
550
V/µs
Distortion And Noise Response
HD2
2nd Harmonic Distortion
1VPP, 10MHz
−65
dBc
HD3
3rd Harmonic Distortion
1VPP, 10MHz
−74
dBc
Equivalent Input Noise
VN
Voltage
1MHz to 100MHz
2
nV/
√Hz
IN
Current
1MHz to 100MHz
2
pA/
√Hz
XTLKA
Crosstalk
Input Referred, 10MHz
−62
dB
Static, DC Performance
GOL
Open-Loop Gain
56
63
dB
53
VIO
Input Offset Voltage
±.5
±2
mV
±2.6
DVIO
Average Drift
5
µV/°C
IBN
Input Bias Current
±.7
±20
µA
±30
DIBN
Average Drift
150
nA/°C
IOS
Input Offset Current
0.3
±6
µA
IOSD
Average Drift
5
nA/°C
PSRR
Power Supply Rejection Ratio
60
70
dB
46
CMRR
Common-Mode Rejection Ratio
57
62
dB
54
ICC
Supply Current
Per Channel, RL = ∞
7.5
9
12
mA
7.0
12.5
Miscellaneous Performance
RIN
Input Resistance
Common-Mode
500
k
Ω
Differential-Mode
200
k
Ω
CIN
Input Capacitance
Common-Mode
1.5
pF
Differential-Mode
1.5
pF
ROUT
Output Resistance
Closed-Loop
.1
Ω
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under
conditions of internal self heating where TJ > TA. See Note 6 for information on temperature de-rating of this device." Min/Max ratings
are based on product characterization and simulation. Individual parameters are tested as noted.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH6628



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com