Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6628MA/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6628MA/NOPB
Description  LMH6628 Dual Wideband, Low Noise, Voltage Feedback Op Amp
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6628MA/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMH6628MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6628MA/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
-40
0
40
80
120
160
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
TEMPERATURE (°)
-1
-0.8
-0.6
-0.4
-0.2
0.2
0.4
0.6
0.8
VIO
IBN
IBI
0
VS = ±5V
25
50
75
100
125
150
2.5
3
3.5
4
LOAD RESISTANCE (:)
LMH6628
SNOSA02D – MAY 2002 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
(TA = +25°, AV = +2, VCC = ±5V, Rf =100Ω, RL = 100Ω, unless specified)
Recommended RS
vs.
Open Loop Gain & Phase (±5V)
CL
Figure 21.
Figure 22.
DC Errors
Maximum VO
vs.
vs.
Temperature
RL
Figure 23.
Figure 24.
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LMH6628



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com