Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25AA1024I/MF Datasheet(PDF) 33 Page - Microchip Technology

Part # 25AA1024I/MF
Description  1 Mbit SPI Bus Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024I/MF Datasheet(HTML) 33 Page - Microchip Technology

Back Button 25AA1024I/MF Datasheet HTML 28Page - Microchip Technology 25AA1024I/MF Datasheet HTML 29Page - Microchip Technology 25AA1024I/MF Datasheet HTML 30Page - Microchip Technology 25AA1024I/MF Datasheet HTML 31Page - Microchip Technology 25AA1024I/MF Datasheet HTML 32Page - Microchip Technology 25AA1024I/MF Datasheet HTML 33Page - Microchip Technology 25AA1024I/MF Datasheet HTML 34Page - Microchip Technology 25AA1024I/MF Datasheet HTML 35Page - Microchip Technology 25AA1024I/MF Datasheet HTML 36Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
 2007-2015 Microchip Technology Inc.
DS20001836J-page 33
25AA1024
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
25AA1024
1 Mbit, 1.8V, 256-Byte Page SPI Serial EEPROM
Tape
&
Reel
Option:
Blank =
T=
Standard packaging (tube)
Tape & Reel
Temperature
Range:
I=
-40
C to+85C
Package:
MF
=
P=
SM
=
Micro Lead Frame (6 x 5 mm body), 8-lead
Plastic DIP (300 mil body), 8-lead
Plastic SOIJ (5.28 mm), 8-lead
Examples:
a)
25AA1024T-I/SM = 1 Mbit, 1.8V Serial
EEPROM, Industrial temp., Tape & Reel, SOIJ
package
b)
25AA1024T-I/MF = 1 Mbit, 1.8V Serial
EEPROM, Industrial temp., Tape & Reel, DFN
package
PART NO.
X
/XX
Package
Temperature
Range
Device
[X](1)
Tape and Reel
Option
Note
1: Tape and Reel identifier only appears in
the catalog part number description. This
identifier is used for ordering purposes
and is not printed on the device package.
Check with your Microchip Sales Office
for package availability with the Tape and
Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com