Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

25AA1024I/MF Datasheet(PDF) 19 Page - Microchip Technology

Part # 25AA1024I/MF
Description  1 Mbit SPI Bus Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25AA1024I/MF Datasheet(HTML) 19 Page - Microchip Technology

Back Button 25AA1024I/MF Datasheet HTML 15Page - Microchip Technology 25AA1024I/MF Datasheet HTML 16Page - Microchip Technology 25AA1024I/MF Datasheet HTML 17Page - Microchip Technology 25AA1024I/MF Datasheet HTML 18Page - Microchip Technology 25AA1024I/MF Datasheet HTML 19Page - Microchip Technology 25AA1024I/MF Datasheet HTML 20Page - Microchip Technology 25AA1024I/MF Datasheet HTML 21Page - Microchip Technology 25AA1024I/MF Datasheet HTML 22Page - Microchip Technology 25AA1024I/MF Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
 2007-2015 Microchip Technology Inc.
DS20001836J-page 19
25AA1024
2.12
RELEASE FROM DEEP
POWER-DOWN AND READ
ELECTRONIC SIGNATURE
Once the device has entered Deep Power-Down
mode, all instructions are ignored except the release
from
Deep
Power-down
and
Read
Electronic
Signature command. This command can also be used
when the device is not in Deep Power-down, to read
the electronic signature out on the SO pin unless
another command is being executed such as Erase,
Program or Write STATUS register.
Release from Deep Power-Down mode and Read
Electronic Signature is entered by driving CS low,
followed by the RDID instruction code (Figure 2-12)
and then a dummy address of 24 bits (A23-A0). After
the last bit of the dummy address is clocked in, the
8-bit electronic signature is clocked out on the SO
pin.
After the signature has been read out at least once,
the sequence can be terminated by driving CS high.
After a delay of TREL, the device will then return to
Standby mode and will wait to be selected so it can be
given new instructions. If additional clock cycles are
sent after the electronic signature has been read once,
it will continue to output the signature on the SO line
until the sequence is terminated.
FIGURE 2-12:
RELEASE FROM DEEP POWER-DOWN AND READ ELECTRONIC SIGNATURE
Driving CS high after the 8-bit RDID command, but before the electronic signature has been transmitted, will still
ensure the device will be taken out of Deep Power-Down mode, as shown in Figure 2-13.
FIGURE 2-13:
RELEASE FROM DEEP POWER-DOWN AND READ ELECTRONIC SIGNATURE
SO
SI
SCK
CS
0
23456789 10 11
29 30 31 32 33 34 35 36 37 38 39
1
01
1
0
1
0
11
23 22 21 20
210
76543210
Instruction
24-bit Address
Electronic Signature Out
High-Impedance
0
101001
0
Manufacturers ID 0x29
TREL
SO
SI
SCK
CS
0
234
567
1
01
1
0
1
0
11
Instruction
High-Impedance
TREL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com