Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6624MA/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6624MA/NOPB
Description  LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6624MA/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMH6624MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
LMH6624, LMH6626
www.ti.com
SNOSA42G – NOVEMBER 2002 – REVISED DECEMBER 2014
6.6 Electrical Characteristics ±6 V
Unless otherwise specified, all limits ensured at TA = 25°C, V
+ = 6 V, V− = −6 V, V
CM = 0 V, AV = +20, RF = 500 Ω,
RL = 100 Ω. See
(1).
PARAMETER
TEST CONDITIONS
MIN(2)
TYP(3)
MAX(2)
UNIT
DYNAMIC PERFORMANCE
VO = 400 mVPP (LMH6624)
95
fCL
−3dB BW
MHz
VO = 400 mVPP (LMH6626)
85
VO = 2 VPP, AV = +20 (LMH6624)
350
VO = 2 VPP, AV = +20 (LMH6626)
320
SR
Slew rate(4)
V/
μs
VO = 2 VPP, AV = +10 (LMH6624)
400
VO = 2 VPP, AV = +10 (LMH6626)
360
tr
Rise time
VO = 400 mV Step, 10% to 90%
3.7
ns
tf
Fall time
VO = 400 mV Step, 10% to 90%
3.7
ns
ts
Settling time 0.1%
VO = 2 VPP (Step)
18
ns
DISTORTION and NOISE RESPONSE
f = 1 MHz (LMH6624)
0.92
en
Input referred voltage noise
nV/
√Hz
f = 1 MHz (LMH6626)
1.0
f = 1 MHz (LMH6624)
2.3
in
Input referred current noise
pA/
√Hz
f = 1 MHz (LMH6626)
1.8
HD2
2nd harmonic distortion
fC = 10 MHz, VO = 1 VPP, RL = 100 Ω
−63
dBc
HD3
3rd harmonic distortion
fC = 10 MHz, VO = 1 VPP, RL = 100 Ω
−80
dBc
INPUT CHARACTERISTICS
−0.5
±0.10
+0.5
Input offset voltage
VCM = 0 V
mV
VOS
-40°C
≤ TJ ≤ 125°C
−0.7
+0.7
Average drift(5)
VCM = 0 V
±0.2
μV/°C
−1.1
0.05
1.1
(LMH6624)
VCM = 0 V
-40°C
≤ TJ ≤ 125°C
−2.5
2.5
Input offset current
μA
IOS
−2.0
0.1
2.0
(LMH6626)
VCM = 0 V
-40°C
≤ TJ ≤ 125°C
−2.5
2.5
Average drift(5)
VCM = 0 V
0.7
nA/°C
13
+20
Input bias current
VCM = 0 V
μA
IB
-40°C
≤ TJ ≤ 125°C
+25
Average drift(5)
VCM = 0 V
12
nA/°C
Common Mode
6.6
M
Ω
RIN
Input resistance(6)
Differential Mode
4.6
k
Ω
Common Mode
0.9
CIN
Input capacitance(6)
pF
Differential Mode
2.0
Input Referred, VCM = −4.5 to +5.25 V
90
95
Common mode rejection
CMRR
dB
Input Referred,
ratio
-40°C
≤ TJ ≤ 125°C
87
VCM = −4.5 to +5.0 V
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No ensured specification of parametric performance is indicated in the electrical
tables under conditions of internal self-heating where TJ > TA. Absolute maximum ratings indicate junction temperature limits beyond
which the device may be permanently degraded, either mechanically or electrically.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical Values represent the most likely parametric norm.
(4)
Slew rate is the slowest of the rising and falling slew rates.
(5)
Average drift is determined by dividing the change in parameter at temperature extremes into the total temperature change.
(6)
Simulation results.
Copyright © 2002–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMH6624 LMH6626



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com