Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6624MA/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6624MA/NOPB
Description  LMH6624 and LMH6626 Single/Dual Ultra Low Noise Wideband Operational Amplifier
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6624MA/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6624MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 9Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 10Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 11Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 12Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 13Page - Texas Instruments LMH6624MA/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
1M
10M
100M
1G
Frequency (Hz)
-5
-4
-3
-2
-1
0
1
2
3
4
5
33 pF
15 pF
5 pF
10 pF
0 pF
1M
10M
100M
1G
Frequency (Hz)
-5
-4
-3
-2
-1
0
1
2
3
4
5
33 pF
15 pF
5 pF
10 pF
0 pF
1M
10M
100M
1G
Frequency (Hz)
-5
-4
-3
-2
-1
0
1
2
3
4
5
33 pF
15 pF
10 pF
5 pF
0 pF
1M
10M
100M
1G
Frequency (Hz)
-5
-4
-3
-2
-1
0
1
2
3
4
5
33 pF
15 pF
10 pF
5 pF
0 pF
100k
1M
10M
100M
1G
Frequency (Hz)
GAIN
PHASE
125°C
-40°C
25°C
125°C
25°C
-40°C
0
10
20
30
40
50
60
70
80
-360
-315
-270
-225
-180
-135
-90
-45
0
LMH6624, LMH6626
SNOSA42G – NOVEMBER 2002 – REVISED DECEMBER 2014
www.ti.com
Typical Characteristics (continued)
VS = ±2.5 V
VS = ±6V
RL = 100 Ω
Figure 7. Open Loop Frequency Response
Figure 8. Open Loop Frequency Response
Over Temperature
Over Temperature
VS = ±2.5V
RISO = 10 Ω
VS = ±6V
RISO = 10 Ω
AV = +10
RL = 1 kΩ||CL
AV = +10
RL = 1 kΩ||CL
RF = 250 Ω
RF = 250 Ω
Figure 9. Frequency Response with Cap. Loading
Figure 10. Frequency Response with Cap. Loading
VS = ±2.5 V
RISO = 100 Ω
VS = ±6 V
RISO = 10 Ω
AV = +10
RL = 1 kΩ||CL
AV = +10
RL = 1 kΩ||CL
RF = 250 Ω
RF = 250 Ω
Figure 11. Frequency Response with Cap. Loading
Figure 12. Frequency Response with Cap. Loading
10
Submit Documentation Feedback
Copyright © 2002–2014, Texas Instruments Incorporated
Product Folder Links: LMH6624 LMH6626



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com