Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS1040CPWR Datasheet(PDF) 20 Page - Texas Instruments

Part # THS1040CPWR
Description  CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1040CPWR Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS1040CPWR Datasheet HTML 16Page - Texas Instruments THS1040CPWR Datasheet HTML 17Page - Texas Instruments THS1040CPWR Datasheet HTML 18Page - Texas Instruments THS1040CPWR Datasheet HTML 19Page - Texas Instruments THS1040CPWR Datasheet HTML 20Page - Texas Instruments THS1040CPWR Datasheet HTML 21Page - Texas Instruments THS1040CPWR Datasheet HTML 22Page - Texas Instruments THS1040CPWR Datasheet HTML 23Page - Texas Instruments THS1040CPWR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
20
www.ti.com
PRINCIPLES OF OPERATION
onboard reference generator configuration (continued)
_
+
VBG
ADC
References
Buffer A2
MODE =
REFSENSE
0.1
µF 1 µF
AGND
VREF = 1 V
10 k
Ω
10 k
Ω
_
+
AVDD
2
or AVDD
Figure 26. 1-V VREF Using the Internal Bandgap Reference A1
_
+
VBG
ADC
References
Buffer A2
MODE =
REFSENSE
0.1
µF 1 µF
AGND
VREF = (1 + Ra/Rb)/2
Ra
Rb
_
+
AVDD
2
or AVDD
Figure 27. External Divider Mode
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com