Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS1040CPWR Datasheet(PDF) 25 Page - Texas Instruments

Part # THS1040CPWR
Description  CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1040CPWR Datasheet(HTML) 25 Page - Texas Instruments

Back Button THS1040CPWR Datasheet HTML 21Page - Texas Instruments THS1040CPWR Datasheet HTML 22Page - Texas Instruments THS1040CPWR Datasheet HTML 23Page - Texas Instruments THS1040CPWR Datasheet HTML 24Page - Texas Instruments THS1040CPWR Datasheet HTML 25Page - Texas Instruments THS1040CPWR Datasheet HTML 26Page - Texas Instruments THS1040CPWR Datasheet HTML 27Page - Texas Instruments THS1040CPWR Datasheet HTML 28Page - Texas Instruments THS1040CPWR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
25
www.ti.com
APPLICATION INFORMATION
C1
8 pF
AVDD
AGND
VCM = AIN+/AIN− Common Mode Voltage
AIN
_
+
IIN
R2 = 1/CS fCLK
Figure 33. Equivalent Circuit for the AIN Switched Capacitor Input
AIN input damping
The charging current pulses into AIN+ and AIN− can make the signal sources jump or ring, especially if the
sources are slightly inductive at high frequencies. Inserting a small series resistor of 20
Ω or less and a small
capacitor to ground of 20 pF or less in the input path can damp source ringing (see Figure 34). The resistor and
capacitor values can be made larger than 20
Ω and 20 pF if reduced input bandwidth and a slight gain error (due
to potential division between the external resistors and the AIN equivalent resistors) are acceptable.
Note that the capacitors should be soldered to a clean analog ground with a common ground point to prevent
any voltage drops in the ground plane appearing as a differential voltage at the ADC inputs.
AIN
R < 20
Ω
VS
C < 20 pF
Figure 34. Damping Source Ringing Using a Small Resistor and Capacitor
driving the VREF pin
Figure 35 shows the equivalent load on the VREF pin when driving the ADC internal references buffer via this
pin (MODE = AVDD/2 or AVDD and REFSENSE = AVDD).
AVDD
AGND
(AVDD + VREF) /4
VREF
RIN
10 k
Ω
REFSENSE = AVDD,
MODE = AVDD/2 or AVDD
_
+
MODE = AVDD
Figure 35. Equivalent Circuit of VREF
The nominal input current IREF is given by:
I
REF +
3V
REF *
AV
DD
4
R
IN
(13)
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com