Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIBPAL22V10-20MFKB Datasheet(PDF) 8 Page - Texas Instruments

Part # TIBPAL22V10-20MFKB
Description  HIGH-PERFORMANCE IMPACT-X
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL22V10-20MFKB Datasheet(HTML) 8 Page - Texas Instruments

Back Button TIBPAL22V10-20MFKB Datasheet HTML 4Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 5Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 6Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 7Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 8Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 9Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 10Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 11Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
tsu
Setup time before clock
↑
ns
ns
Pulse duration
tw
TIBPAL22V10-20M
HIGH-PERFORMANCE
IMPACT-X ™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS012B − JUNE 1990 − REVISED APRIL 2010
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
8
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to disabled output (see Note 1)
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
NOTE 1: These ratings apply except for programming pins during a programming cycle or during a preload cycle.
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
VIH
High-level input voltage
2
5.5
V
VIL
Low-level input voltage
0.8
V
IOH
High-level output current
−2
mA
IOL
Low-level output current
12
mA
Clock high or low
15
Asynchronous Reset high or low
20
Input
17
Feedback
17
Synchronous Preset (active)
17
Asynchronous Reset (inactive)
20
th
Hold time, input, set, or feedback after clock
↑
0
ns
TA
Operating free-air temperature
−55
125
°C
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com