Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TIBPAL22V10-20MFKB Datasheet(PDF) 13 Page - Texas Instruments

Part # TIBPAL22V10-20MFKB
Description  HIGH-PERFORMANCE IMPACT-X
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TIBPAL22V10-20MFKB Datasheet(HTML) 13 Page - Texas Instruments

Back Button TIBPAL22V10-20MFKB Datasheet HTML 9Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 10Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 11Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 12Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 13Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 14Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 15Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 16Page - Texas Instruments TIBPAL22V10-20MFKB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
TIBPAL22V10-20M
HIGH-PERFORMANCE
IMPACT-X ™ PROGRAMMABLE ARRAY LOGIC CIRCUITS
SRPS012B − JUNE 1990 − REVISED APRIL 2010
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
13
TYPICAL CHARACTERISTICS
169
140
120
100
−75
−50
−25
0
25
50
Figure 5
180
200
SUPPLY CURRENT
vs
FREE−AIR TEMPERATURE
220
75
100
125
TA − Free−Air Temperature − °C
VCC = 4.75 V
VCC = 5 V
VCC = 5.25 V
VCC = 5.5 V
VCC = 4.5 V
8
4
2
0
4.5
4.75
5
Figure 6
12
14
PROPAGATION DELAY TIME
vs
SUPPLY VOLTAGE
16
5.25
5.5
10
6
VCC − Supply Voltage − V
tPHL (I, I/O to O, I/O)
tPLH (I, I/O to O, I/O)
tPHL (CLK to Q)
TA = 25 °C
R1 = 300
Ω
R2 = 390
Ω
CL = 50 pF
tPLH (CLK to Q)
10 Outputs Switching
8
4
2
0
−75
−50
−25
0
25
50
Figure 7
12
14
PROPAGATION DELAY TIME
vs
FREE−AIR TEMPERATURE
16
75
100
125
10
6
TA − Free−Air Temperature − °C
tPLH (CLK to Q)
tPHL (CLK to Q)
tPLH (I, I/O to O, I/O)
tPHL (I, I/O to O, I/O)
VCC = 5 V
R1 = 300
Ω
R2 = 390
Ω
CL = 50 pF
10 Outputs Switching
4
2
0
0
100
200
300
400
500
600
Figure 8
6
8
PROPAGATION DELAY TIME
vs
LOAD CAPACITANCE
10
CL − Load Capacitance − pF
16
14
12
18
20
22
tPLH (CLK to Q)
tPHL (CLK to Q)
tPLH (I, I/O to O, I/O)
tPHL (I, I/O to O, I/O)
VCC = 5 V
R1 = 300
Ω
R2 = 390
Ω
CL = 50 pF
2 Outputs Switching
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com