Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2953QML Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LP2953QML
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953QML Datasheet(HTML) 17 Page - Texas Instruments

Back Button LP2953QML Datasheet HTML 13Page - Texas Instruments LP2953QML Datasheet HTML 14Page - Texas Instruments LP2953QML Datasheet HTML 15Page - Texas Instruments LP2953QML Datasheet HTML 16Page - Texas Instruments LP2953QML Datasheet HTML 17Page - Texas Instruments LP2953QML Datasheet HTML 18Page - Texas Instruments LP2953QML Datasheet HTML 19Page - Texas Instruments LP2953QML Datasheet HTML 20Page - Texas Instruments LP2953QML Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LP2953QML, LP2953QML-SP
www.ti.com
SNVS395C – NOVEMBER 2010 – REVISED APRIL 2013
This gives a value of about 0.1
μF. When this is used, the output capacitor must be 6.8 μF (or greater) to
maintain stability. The 0.1
μF capacitor reduces the high frequency gain of the circuit to unity, lowering the output
noise from 260
μV to 80 μV using a 10 Hz to 100 kHz bandwidth. Also, noise is no longer proportional to the
output voltage, so improvements are more pronounced at high output voltages.
Auxiliary Comparator
The LP2953 contains an auxiliary comparator whose inverting input is connected to the 1.23V reference. The
auxiliary comparator has an open-collector output whose electrical characteristics are similar to the dropout
detection comparator. The non-inverting input and output are brought out for external connections.
SHUTDOWN Input
A logic-level signal will shut off the regulator output when a "LOW" (<1.2V) is applied to the Shutdown input.
To prevent possible mis-operation, the Shutdown input must be actively terminated. If the input is driven from
open-collector logic, a pull-up resistor (20 k
Ω to 100 kΩ recommended) should be connected from the Shutdown
input to the regulator input.
If the Shutdown input is driven from a source that actively pulls high and low (like an op-amp), the pull-up resistor
is not required, but may be used.
If the shutdown function is not to be used, the cost of the pull-up resistor can be saved by simply tying the
Shutdown input directly to the regulator input.
IMPORTANT: Since the Absolute Maximum Ratings state that the Shutdown input can not go more than 0.3V
below ground, the reverse-battery protection feature which protects the regulator input is sacrificed if the
Shutdown input is tied directly to the regulator input.
If reverse-battery protection is required in an application, the pull-up resistor between the Shutdown input and the
regulator input must be used.
Typical Applications
Figure 33. Basic 5V Regulator
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LP2953QML LP2953QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com