Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2953QML Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LP2953QML
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953QML Datasheet(HTML) 20 Page - Texas Instruments

Back Button LP2953QML Datasheet HTML 16Page - Texas Instruments LP2953QML Datasheet HTML 17Page - Texas Instruments LP2953QML Datasheet HTML 18Page - Texas Instruments LP2953QML Datasheet HTML 19Page - Texas Instruments LP2953QML Datasheet HTML 20Page - Texas Instruments LP2953QML Datasheet HTML 21Page - Texas Instruments LP2953QML Datasheet HTML 22Page - Texas Instruments LP2953QML Datasheet HTML 23Page - Texas Instruments LP2953QML Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LP2953QML, LP2953QML-SP
SNVS395C – NOVEMBER 2010 – REVISED APRIL 2013
www.ti.com
* Connect to Logic or
μP control inputs.
OUTPUT has SNAP-ON/SNAP-OFF feature.
LOW BATT flag warns the user that the battery has discharged down to about 5.8V, giving the user time to recharge
the battery or shut down hardware with high power requirements. The output is still in regulation at this time.
OUT OF REGULATION flag goes low if the output goes below about 4.7V, which could occur from a load fault.
OUTPUT has SNAP-ON/SNAP-OFF feature. Regulator snaps ON at about 5.7V input, and OFF at about 5.6V.
Figure 40. 5V Regulator with Error Flags for
LOW BATTERY and OUT OF REGULATION
with SNAP-ON/SNAP-OFF Output
Figure 41. 5V Regulator with Timed Power-On Reset, Snap-On/Snap-Off Feature and Hysteresis
Td = (0.28) RC = 28 ms for components shown.
Figure 42. Timing Diagram
20
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP2953QML LP2953QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com