Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2953AMGW-QMLV Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP2953AMGW-QMLV
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953AMGW-QMLV Datasheet(HTML) 5 Page - Texas Instruments

  LP2953AMGW-QMLV Datasheet HTML 1Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 2Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 3Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 4Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 5Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 6Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 7Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 8Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LP2953QML, LP2953QML-SP
www.ti.com
SNVS395C – NOVEMBER 2010 – REVISED APRIL 2013
Quality Conformance Inspection
Table 1. Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp (°C)
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
12
Settling time at
+25
13
Settling time at
+125
14
Settling time at
-55
LP2953A Electrical Characteristics DC Parameters
The following conditions apply, unless otherwise specified.
VI = 6V, IL = 1mA, CL = 2.2µF, VO = 5V
Feedback pin is tied to 5V Tap pin. Output pin is tied to Output Sense Pin.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
4.975
5.025
V
1
VO
Output Voltage
4.94
5.06
V
2, 3
1mA
≤ IL ≤ 250mA
4.93
5.07
V
1, 2, 3
ΔVO / VO
Output Voltage Line
VI = 6V to 30V
0.1
%
1
Regulation
0.2
%
2, 3
0.16
%
1
IL = 1mA to 250mA
0.2
%
2, 3
Output Voltage Load
ΔVO / VO
Regulation
0.16
%
1
IL = 0.1mA to 1mA
0.2
%
2, 3
100
mV
1
IL = 1mA
See(1)
150
mV
2, 3
300
mV
1
IL = 50mA
See(1)
420
mV
2, 3
VI - VO
Dropout Voltage
400
mV
1
IL = 100mA
See(1)
520
mV
2, 3
600
mV
1
IL = 250mA
See(1)
800
mV
2, 3
(1)
Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a
1V differential. At very low values of programmed output voltage, the input voltage minimum of 2V (2.3V over temperature) must be
observed.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP2953QML LP2953QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com