Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2953AMGW-QMLV Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LP2953AMGW-QMLV
Description  Adjustable Micropower Low-Dropout Voltage Regulators
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2953AMGW-QMLV Datasheet(HTML) 8 Page - Texas Instruments

Back Button LP2953AMGW-QMLV Datasheet HTML 4Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 5Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 6Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 7Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 8Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 9Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 10Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 11Page - Texas Instruments LP2953AMGW-QMLV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LP2953QML, LP2953QML-SP
SNVS395C – NOVEMBER 2010 – REVISED APRIL 2013
www.ti.com
LP2953A Electrical Characteristics DC Drift Parameters
The following conditions apply, unless otherwise specified.
VI = 6V, IL = 1mA, CL = 2.2µF, VO = 5V
Feedback pin is tied to 5V Tap pin. Output pin is tied to Output Sense Pin.
Δcalculations performed on QMLV devices at group B , subgroup 5.
Sub-
Parameter
Test Conditions
Notes
Min
Max
Units
groups
IL = 1mA
-12
12
%
1
IL = 50mA
-12
12
%
1
VI - VO
Dropout Voltage
IL = 100mA
-12
12
%
1
IL = 250mA
-12
12
%
1
IL = 1mA, ±5µA or ±10% whichever is
-5.0
5.0
µA
1
greater
IL = 50mA, ±5µA or ±10% whichever is
-5.0
5.0
µA
1
greater
IGnd
Ground Pin Current
IL = 100mA, ±5µA or ±10% whichever is
-5.0
5.0
µA
1
greater
IL = 250mA, ±5µA or ±10% whichever is
-5.0
5.0
µA
1
greater
Ground Pin Current at
VI = 4.5V, IL = 100µA,
IGnd
-5.0
5.0
µA
1
Dropout
±5µA or ±10% whichever is greater
Ground Pin Current at
IGnd
±5µA or ±10% whichever is greater
-5.0
5.0
µA
1
Shutdown
Referred to VRefSHUTDOWN Input
-1.0
1.0
mV
1
VIO
Input Offset Voltage
Referred to VRef Auxillary Comparator
-1.0
1.0
mV
1
VI Comp = 0 to 5V SHUTDOWN Input
-5.0
5.0
nA
1
IIB
Input Bias Current
VI Comp = 0 to 5V Auxillary Comparator
-5.0
5.0
nA
1
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LP2953QML LP2953QML-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com