Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2982 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP2982
Description  Micropower Ultra-Low-Dropout LDO in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2982 Datasheet(HTML) 1 Page - Texas Instruments

  LP2982 Datasheet HTML 1Page - Texas Instruments LP2982 Datasheet HTML 2Page - Texas Instruments LP2982 Datasheet HTML 3Page - Texas Instruments LP2982 Datasheet HTML 4Page - Texas Instruments LP2982 Datasheet HTML 5Page - Texas Instruments LP2982 Datasheet HTML 6Page - Texas Instruments LP2982 Datasheet HTML 7Page - Texas Instruments LP2982 Datasheet HTML 8Page - Texas Instruments LP2982 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
ON/OFF
COUT
ON/OFF
GND
IN
BYPASS
OUT
VOUT
VIN
CIN
CBYPASS
OFF
ON
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LP2982
SNVS128K – MARCH 2000 – REVISED JUNE 2016
LP2982 50-mA Micropower Ultra-Low-Dropout LDO in SOT-23 Package
1
1 Features
1
2.1-V to 16-V Input Voltage
Ultra-Low-Dropout Voltage
Ensured 50-mA Output Current
Typical Dropout Voltage 180 mV at 80 mA
Requires Minimum External Components
< 1 μA Quiescent Current When Shut Down
Low Ground Pin Current at All Loads
Output Voltage Accuracy 1% (A Grade)
High Peak Current Capability (150 mA Typical)
Wide Supply Voltage Range (16 V Maximum)
Low ZOUT 0.3 Ω Typical (10 Hz to 1 MHz)
Overtemperature and Overcurrent Protection
−40°C to +125°C Junction Temperature Range
2 Applications
Cellular Phones
Palmtop and Laptop Computers
Personal Digital Assistants (PDA)
Camcorders, Personal Stereos, Cameras
3 Description
The LP2982 is a 50-mA, fixed-output voltage LDO
designed to provide ultra-low dropout and lower noise
in battery-powered applications.
Using an optimized vertically integrated PNP (VIP)
process, the LP2982 delivers unequaled performance
in
all
specifications
critical
to
battery-powered
designs:
Dropout Voltage: Typically 120 mV at 50 mA load,
and 7 mV at 1 mA load.
Ground Pin Current: Typically 375 μA at 50 mA load,
and 80 μA at 1 mA load.
Sleep Mode: Less than 1-μA quiescent current when
ON/OFF pin is pulled low.
Precision Output: 1% tolerance output voltages
available (A grade).
Low Noise: By adding an external bypass capacitor,
output noise can be reduced to 30 μV (typical).
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LP2982
SOT-23 (5)
2.90 mm × 1.60 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - LP2982

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2982AIBP-2.8 NSC-LP2982AIBP-2.8 Datasheet
411Kb / 17P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2982AIBP-3.0 NSC-LP2982AIBP-3.0 Datasheet
411Kb / 17P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2982AIBPX-2.8 NSC-LP2982AIBPX-2.8 Datasheet
411Kb / 17P
Micropower 50 mA Ultra Low-Dropout Regulator
LP2982AIBPX-3.0 NSC-LP2982AIBPX-3.0 Datasheet
411Kb / 17P
Micropower 50 mA Ultra Low-Dropout Regulator
More results

Similar Description - LP2982

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981AIM5X-2.5 TI1-LP2981AIM5X-2.5 Datasheet
423Kb / 18P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2981-N TI1-LP2981-N Datasheet
1Mb / 24P
Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981IM5-3.3 TI-LP2981IM5-3.3 Datasheet
1Mb / 24P
LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981AIM5-33 TI1-LP2981AIM5-33 Datasheet
1Mb / 24P
LP2981-N Micropower 100 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N_15 TI-LP2980-N_15_15 Datasheet
1Mb / 30P
LP2980-N Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2981-N_15 TI-LP2981-N_15_15 Datasheet
1Mb / 29P
LP2981-N Micropower 100-mA Ultra-Low Dropout Regulator in SOT-23 Package
LP2982 TI-LP2982_15 Datasheet
1Mb / 21P
LP2982 Micropower 50 mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com