Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2982 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP2982
Description  Micropower Ultra-Low-Dropout LDO in SOT-23 Package
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2982 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP2982 Datasheet HTML 12Page - Texas Instruments LP2982 Datasheet HTML 13Page - Texas Instruments LP2982 Datasheet HTML 14Page - Texas Instruments LP2982 Datasheet HTML 15Page - Texas Instruments LP2982 Datasheet HTML 16Page - Texas Instruments LP2982 Datasheet HTML 17Page - Texas Instruments LP2982 Datasheet HTML 18Page - Texas Instruments LP2982 Datasheet HTML 19Page - Texas Instruments LP2982 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
ON/OFF
COUT (MLCC)
ON/OFF
GND
IN
BYPASS
OUT
VOUT
VIN
CIN
CBYPASS
OFF
ON
2.2 µF (5-V device)
4.7 µF (3-V and 3.3-V devices)
0.01 µF
1 µF
RESR
1
Ÿ
16
LP2982
SNVS128K – MARCH 2000 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP2982
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
8.2.2.1.1
Input Capacitor
An input capacitor with a value
≥ 1 μF is required with the LP2982 (amount of capacitance can be increased
without limit).
This capacitor must be located a distance of not more than 0.5 inches from the input pin of the LP2982 and
returned to a clean analog ground. Any good quality ceramic or tantalum can be used for this capacitor.
8.2.2.1.2
Output Capacitor
The output capacitor must meet both the requirement for minimum amount of capacitance and equivalent series
resistance (ESR) value. Curves are provided which show the allowable ESR range as a function of load current
for various output voltages and capacitor values (refer to Figure 40 and Figure 41).
NOTE
Important: The output capacitor must maintain its ESR in the stable region over the full
operating temperature range to ensure stability. Also, capacitor tolerance and variation
with temperature must be considered to ensure the minimum amount of capacitance is
provided at all times.
This capacitor must be located not more than 0.5 inches from the OUT pin of the LP2982 and returned to a clean
analog ground.
Figure 37. Typical Application With Ceramic COUT Series R
8.2.2.1.3
Bypass Capacitor
The 0.01-μF capacitor connected to the bypass pin to reduce noise must have very low leakage.
The current flowing out of the bypass pin comes from the bandgap reference, which is used to set the output
voltage.
This capacitor leakage current causes the output voltage to decline by an amount proportional to the current.
Typical values are
−0.015%/nA at −40°C, −0.021%/nA at 25°C, and −0.035%/nA at 125°C.
This data is valid up to a maximum leakage current of about 500 nA, beyond which the bandgap is so severely
loaded that it can not function.
Care must be taken to ensure that the capacitor selected does not have excessive leakage current over the
operating temperature range of the application.
A high-quality ceramic capacitor which uses either NPO or COG type dielectric material typically has very low
leakage. Small surface mount polypropylene or polycarbonate film capacitors also have extremely low leakage,
but are slightly larger than ceramics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com