Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14201HTZX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14201HTZX/NOPB
Description  LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ14201HTZX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMZ14201HTZX/NOPB Datasheet HTML 13Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 15Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 16Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 17Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 18Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 19Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 20Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
LMZ14201H
www.ti.com
SNVS690H – JANUARY 2011 – REVISED OCTOBER 2015
Typical Application (continued)
4. Select CO.
5. Select CIN.
6. Set operating frequency with RON.
7. Determine module dissipation.
8. Lay out PCB for required thermal performance.
8.2.2.1.1
Enable Divider, RENT and RENB Selection
The enable input provides a precise 1.18-V reference threshold to allow direct logic drive or connection to a
voltage divider from a higher enable voltage such as VIN. The enable input also incorporates 90 mV (typical) of
hysteresis resulting in a falling threshold of 1.09 V. The maximum recommended voltage into the EN pin is 6.5 V.
For applications where the midpoint of the enable divider exceeds 6.5 V, a small Zener diode can be added to
limit this voltage.
The function of the RENT and RENB divider shown in the Functional Block Diagram is to allow the designer to
choose an input voltage below which the circuit will be disabled. This implements the feature of programmable
undervoltage lockout. This is often used in battery-powered systems to prevent deep discharge of the system
battery. It is also useful in system designs for sequencing of output rails or to prevent early turnon of the supply
as the main input voltage rail rises at power up. Applying the enable divider to the main input rail is often done in
the case of higher input voltage systems such as 24-V AC/DC systems where a lower boundary of operation
should be established. In the case of sequencing supplies, the divider is connected to a rail that becomes active
earlier in the power-up cycle than the LMZ14201H output rail. The two resistors should be chosen based on the
following ratio:
RENT / RENB = (VIN-ENABLE/ 1.18 V) – 1
(1)
The EN pin is internally pulled up to VIN and can be left floating for always-on operation. However, it is good
practice to use the enable divider and turn on the regulator when VIN is close to reaching its nominal value. This
will ensure smooth start-up and will prevent overloading the input supply.
8.2.2.1.2
Output Voltage Selection
Output voltage is determined by a divider of two resistors connected between VO and ground. The midpoint of
the divider is connected to the FB input. The voltage at FB is compared to a 0.8-V internal reference. In normal
operation an ON-time cycle is initiated when the voltage on the FB pin falls below 0.8 V. The high-side MOSFET
ON-time cycle causes the output voltage to rise and the voltage at the FB to exceed 0.8 V. As long as the
voltage at FB is above 0.8 V, ON-time cycles will not occur.
The regulated output voltage determined by the external divider resistors RFBT and RFBB is:
VO = 0.8 V × (1 + RFBT / RFBB)
(2)
Rearranging terms; the ratio of the feedback resistors for a desired output voltage is:
RFBT / RFBB = (VO / 0.8 V) - 1
(3)
These resistors should be chosen from values in the range of 1 k
Ω to 50 kΩ.
A feed-forward capacitor is placed in parallel with RFBT to improve load step transient response. Its value is
usually determined experimentally by load stepping between DCM and CCM conduction modes and adjusting for
best transient response and minimum output ripple.
A table of values for RFBT , RFBB , and RON is included in the simplified applications schematic.
8.2.2.1.3
Soft-Start Capacitor, CSS, Selection
Programmable soft-start permits the regulator to slowly ramp to its steady-state operating point after being
enabled, thereby reducing current inrush from the input supply and slowing the output voltage rise-time to
prevent overshoot.
Upon turnon, after all UVLO conditions have been passed, an internal 8uA current source begins charging the
external soft-start capacitor. The soft-start time duration to reach steady-state operation is given by the formula:
tSS = VREF × CSS / Iss = 0.8 V × CSS / 8 uA
(4)
This equation can be rearranged as follows:
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LMZ14201H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com