Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMZ14201HTZX/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMZ14201HTZX/NOPB
Description  LMZ14201H SIMPLE SWITCHER짰 6V to 42V, 1A High Output Voltage Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ14201HTZX/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMZ14201HTZX/NOPB Datasheet HTML 7Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 8Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 9Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 10Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 11Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 12Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 13Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 14Page - Texas Instruments LMZ14201HTZX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
200 mV/Div
1 ms/Div
500 mA/Div
IOUT
VOUT=12V
100 mV/div
1 µs/div
VOUT=12V
0
10
20
30
40
50
60
0
5
10
15
20
25
30
35
40
BOARD AREA (cm
2
)
0LFM (0m/s) air
225LFM (1.14m/s) air
500LFM (2.54m/s) air
Evaluation Board Area
0.0
0.2
0.4
0.6
0.8
1.0
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
OUTPUT CURRENT (A)
VIN = 15V
VIN = 24V
VIN = 30V
VIN = 36V
VIN = 42V
LMZ14201H
www.ti.com
SNVS690H – JANUARY 2011 – REVISED OCTOBER 2015
Typical Characteristics (continued)
Unless otherwise specified, the following conditions apply: VIN = 24 V; Cin = 10-uF X7R Ceramic; CO = 47 uF; TA = 25°C.
Figure 32. Line and Load Regulation TA = 25°C
Figure 31. Package Thermal Resistance RθJA
4 Layer PCB With 1-oz Copper
Figure 34. Output Ripple
Figure 33. Output Ripple
VIN = 24 V, IOUT = 1 A, Polymer Electrolytic COUT, BW = 200
VIN = 12 V, IOUT = 1 A, Ceramic COUT, BW = 200 MHz
MHz
Figure 35. Load Transient Response VIN = 24 V VOUT = 12 V
Figure 36. Load Transient Response VIN = 24 V VOUT = 12 V
Load Step from 10% to 100%
Load Step From 30% to 100%
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMZ14201H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com