Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2952AIM/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952AIM/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952AIM/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LP2952AIM/NOPB Datasheet HTML 25Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 26Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 27Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 28Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 29Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 30Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 31Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 32Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
www.ti.com
SNVS095F – MAY 2004 – REVISED MARCH 2015
8.2.8 5-V Regulator With Error Flags for Low Battery and Out of Regulation With Snap-ON or Snap-OFF
Output
Figure 43 is the circuit as 5-V regulator with error flags for low battery and out of regulation with Snap-ON/Snap-
OFF output. It has the following features:
•
Connect to logic or microprocessor control inputs.
•
LOW BATT flag warns the user that the battery has discharged down to about 5.8 V, giving the user time to
recharge the battery or shutdown hardware with high power requirements. The output is still in regulation at
this time.
•
OUT OF REGULATION flag goes low if the output goes below about 4.7 V, which could occur from a load
fault.
•
OUTPUT has Snap-ON or Snap-OFF feature. Regulator snaps ON at about 5.7-V input, and OFF at about
5.6 V.
Figure 43. 5-V Regulator With Error Flags for Low Battery and Out of Regulation With Snap-ON or Snap-
OFF Output
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
29
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com