Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP2952AIM/NOPB Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # LP2952AIM/NOPB
Description  LP295x Adjustable Micropower Low-Dropout Voltage Regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2952AIM/NOPB Datasheet(HTML) 32 Page - Texas Instruments

Back Button LP2952AIM/NOPB Datasheet HTML 28Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 29Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 30Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 31Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 32Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 33Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 34Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 35Page - Texas Instruments LP2952AIM/NOPB Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
LP2952-N, LP2952A, LP2953, LP2953A
SNVS095F – MAY 2004 – REVISED MARCH 2015
www.ti.com
10.3 Power Dissipation: Heatsink Requirements (Industrial Temperature Range Devices)
The maximum allowable power dissipation for the LP2952 or LP2953 is limited by the maximum operating
junction temperature (125°C) and the external factors that determine how quickly heat flows away from the part:
the ambient temperature and the junction-to-ambient thermal resistance (RθJA) for the specific application.
The industrial temperature range (
−40°C ≤ TJ ≤ 125°C) parts are manufactured in PDIP and surface-mount
packages which contain a copper lead frame that allows heat to be effectively conducted away from the die,
through the ground pins of the IC, and into the copper of the PC board. Details on heatsinking using PC board
copper are covered later.
Figure 47. Power Dissipation vs Ambient Temperature
for RθJA = 95°C/W
To determine if a heatsink is required, the maximum power dissipated by the regulator, P(MAX), must be
calculated. It is important to remember that if the regulator is powered from a transformer connected to the AC
line, the maximum specified AC input voltage must be used (because this produces the maximum DC input
voltage to the regulator). Figure 48 shows the voltages and currents which are present in the circuit. The formula
for calculating the power dissipated in the regulator is also shown in Figure 48:
Figure 48. PTOTAL = (VIN − VOUT) IOUT + (VIN) IG
Current/Voltage Diagram
The next parameter which must be calculated is the maximum allowable temperature rise, TR(MAX). This is
calculated by using the formula:
TR(MAX) = TJ(MAX) − TA(MAX) = RθJA × P(MAX)
where:
•
TJ(MAX) is the maximum allowable junction temperature
•
TA(MAX) is the maximum ambient temperature
(3)
Using the calculated values for TR(MAX) and P(MAX), the required value for junction-to-ambient thermal resistance,
RθJA, can now be found.
32
Submit Documentation Feedback
Copyright © 2004–2015, Texas Instruments Incorporated
Product Folder Links: LP2952-N LP2952A LP2953 LP2953A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com