Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3936SL/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # LP3936SL/NOPB
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936SL/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP3936SL/NOPB Datasheet HTML 11Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 12Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 13Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 14Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 15Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 16Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 17Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 18Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 30 page
background image
LP3936
www.ti.com
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
Magnetic Boost DC/DC Converter Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
ILOAD
Load Current
3.0V
≤ VIN ≤ 4.5V
0
250
mA
VOUT = 4.55V
VOUT
Output Voltage Accuracy (FB Pin)
1 mA
≤ ILOAD ≤ 225 mA
3.0V
≤ VIN ≤ V (FB)−0.5V
−5
+5
%
VOUT = 4.55V
Output Voltage (FB Pin)
1 mA
≤ ILOAD ≤ 250 mA
4.55
V
3.0V < VIN < 4.55V + V(SCHOTTKY)
1 mA
≤ ILOAD ≤ 250 mA
VIN–V(SCHOTTKY)
V
VIN > 4.55V + V(SCHOTTKY)
RDSON
Switch ON Resistance
VDD1,2 = 3.6V, ISW = 0.5A
0.4
0.5
Ω
fPWF
PWM Mode Switching Frequency
RT = 82 k
Ω
1
MHz
Frequency Accuracy
RT = 82 k
Ω
−6
±3
+6
%
−10
+10
tSTARTUP
Startup Time
25
ms
ICL_OUT
OUT Pin Current Limit
VDD = 3.6V
600
750
1050
mA
400
1200
PFM/PWM Mode
User can change the Boost converters mode between PWM (Pulse Width Modulation) and PFM (Pulse
Frequency Modulation). The startup is done on PFM mode and then the device runs on PWM mode (as a
default). User can set PFM mode by turning “pfm_mode” register bit HIGH. PFM is recommended to use with
light loads and PWM with high loads.
Boost Standby Mode
User can set boost converter to STANDBY mode by writing register bit EN_BOOST low. This mode can be
useful when driving LEDs directly from battery voltage. This may be possible if LED forward voltage is low,
battery voltage is high and LED current is low.
When EN_BOOST is written high, the converter starts for 10 ms in PFM mode and then goes to PWM mode if
PWM mode has been selected (default). During Boost Start-up all LEDs are turned off to reduce the load.
Unused Boost Converter
If the boost converter is not used, it should be disabled by writing bit en_boost low. OUT pin should be
connected to GND and FB pin to the LED supply voltage.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com