Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3936SL/NOPB Datasheet(PDF) 22 Page - Texas Instruments

Part # LP3936SL/NOPB
Description  Lighting Management System for Six White LEDs and One RGB
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3936SL/NOPB Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP3936SL/NOPB Datasheet HTML 18Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 19Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 20Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 21Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 22Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 23Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 24Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 25Page - Texas Instruments LP3936SL/NOPB Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
LP3936
SNVS259D – NOVEMBER 2003 – REVISED MAY 2013
www.ti.com
INDUCTOR, L
The high switching frequency enables the use of the small surface mount inductor. A 10 µH shielded inductor is
suggested. Values below 4.7 µH should not be used. The inductor should have a saturation current rating higher
than the peak current it will experience during circuit operation (1A). Less than 300 m
Ω ESR is suggested for
high efficiency. Open core inductors cause flux linkage with circuit components and interfere with the normal
operation of the circuit. This should be avoided. For high efficiency, choose an inductor with a high frequency
core material such as ferrite to reduce the core losses. To minimize radiated noise, use a toroid, pot core or
shielded core inductor. The inductor should be connected to the OUT pin as close to the IC as possible.
Examples of suitable inductors are TDK types LLF4017T-100MR90C and VLF4012AT-100MR79 and Coilcraft
type DO3314T-103 (unshielded).
List of Recommended External Components
Symbol
Symbol Explanation
Value
Unit
Type
CVDD1
VDD1 bypass capacitor
1
µF
Ceramic, X7R
CVDD2
VDD2 bypass capacitor
1
µF
Ceramic, X7R
COUT
Output capacitor from FB
10
µF
Ceramic, X7R/Y5V
to GND
CIN
Input capacitor from
10
µF
Ceramic, X7R/Y5V
Battery Voltage to GND
CVDDIO
VDDIO bypass capacitor
1
µF
Ceramic, X7R
CVDDA
Internal LDO output
1
µF
Ceramic, X7R
capacitor, between VDDA
and GND
RT
Oscillator Frequency Bias
82
k
Ω
1% (1)
Resistor
RDO
DO output pull-up resistor
100
k
Ω
CVREF
Reference Voltage
100
nF
Ceramic, X7R
Capacitor, between VREF
and GND
LBOOST
Boost converter inductor
10
µH
Shielded, Low ESR,
ISAT1A
DOUT
Rectifying Diode, VF @
0.3
V
Schottky Diode
Maxload
RGB
RGB LED
User Defined
RR, RG, RB
Current Limit Resistors
See the AN-1293 Application Report (SNVA071) for resistor size calculation.
LEDs
White LEDs
(1)
Resistor RT tolerance change will change the timing accuracy of the RGB block. Also the boost converter switching frequency will be
affected.
22
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LP3936



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com