Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3958TL/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LP3958TL/NOPB
Description  Lighting Management Unit with High Voltage Boost Converter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3958TL/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button LP3958TL/NOPB Datasheet HTML 19Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 20Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 21Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 22Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 23Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 24Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 25Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 26Page - Texas Instruments LP3958TL/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
LP3958
www.ti.com
SNVS423C – JANUARY 2006 – REVISED MARCH 2013
Limit(1)
Symbol
Parameter
Unit
Min
Max
2
Clock Low Time
1.3
µs
3
Clock High Time
600
ns
4
Setup Time for a Repeated START Condition
600
ns
5
Data Hold Time (Output direction, delay generated by LP3958)
300
900
ns
5
Data Hold Time (Input direction, delay generated by Master)
0
900
ns
6
Data Setup Time
100
ns
7
Rise Time of SDA and SCL
20+0.1Cb
300
ns
8
Fall Time of SDA and SCL
15+0.1Cb
300
ns
9
Set-up Time for STOP condition
600
ns
10
Bus Free Time between a STOP and a START Condition
1.3
µs
Cb
Capacitive Load for Each Bus Line
10
200
pF
Recommended External Components
OUTPUT CAPACITOR, COUT
The output capacitor COUT directly affects the magnitude of the output ripple voltage. In general, the higher the
value of COUT, the lower the output ripple magnitude. Multilayer ceramic capacitors with low ESR are the best
choice. At the lighter loads, the low ESR ceramics offer a much lower VOUT ripple that the higher ESR tantalums
of the same value. At the higher loads, the ceramics offer a slightly lower VOUT ripple magnitude than the
tantalums of the same value. However, the dv/dt of the VOUT ripple with the ceramics is much lower that the
tantalums under all load conditions. Capacitor voltage rating must be sufficient, 25V or greater is recommended.
Examples of suitable capacitors are: TDK C3216X5R1E475K, Panasonic ECJ3YB1E475K, ECJMFB1E475K and
ECJ4YB1E475K.
Some ceramic capacitors, especially those in small packages, exhibit a strong capacitance reduction
with the increased applied voltage (DC bias effect). The capacitance value can fall below half of the
nominal capacitance. Too low output capacitance can make the boost converter unstable. Output
capacitors DC bias effect should be better than –50% at 18V.
INPUT CAPACITOR, CIN
The input capacitor CIN directly affects the magnitude of the input ripple voltage and to a lesser degree the VOUT
ripple. A higher value CIN will give a lower VIN ripple. Capacitor voltage rating must be sufficient, 10V or greater is
recommended.
OUTPUT DIODE, D1
A schottky diode should be used for the output diode. Peak repetitive current should be greater than inductor
peak current (800mA) to ensure reliable operation. Schottky diodes with a low forward drop and fast switching
speeds are ideal for increasing efficiency in portable applications. Choose a reverse breakdown voltage of the
schottky diode significantly larger (~30V) than the output voltage. Do not use ordinary rectifier diodes, since slow
switching speeds and long recovery times cause the efficiency and the load regulation to suffer. Example of
suitable diode is: Central Semiconductor CMMSH1-40.
EMI FILTER COMPONENTS CSW, RSW
EMI filter (RSW and CSW) on the SW pin can be used to suppress EMI caused by fast switching. These
components should be as near as possible to the SW pin to ensure reliable operation. 50V or greater voltage
rating is recommended for capacitor.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: LP3958



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com