Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3991TL-1.7/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LP3991TL-1.7/NOPB
Description  300-mA LDO for Digital Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3991TL-1.7/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3991TL-1.7/NOPB Datasheet HTML 10Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 11Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 12Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 13Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 14Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 15Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 16Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 17Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
LP3991
SNVS296J – DECEMBER 2006 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP3991
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Unfortunately, this RθJA is highly dependent on the heat-spreading capability of the particular PCB design, and
therefore varies according to the total copper area, copper weight, and location of the planes. The RθJA recorded
in Thermal Information is determined by the specific EIA/JEDEC JESD51-7 standard for PCB and copper-
spreading area, and is to be used only as a relative measure of package thermal performance. For a well-
designed thermal layout, RθJA is actually the sum of the package junction-to-board thermal resistance (RθJB) plus
the thermal resistance contribution by the PCB copper area acting as a heat sink.
8.2.2.7 Estimating Junction Temperature
The EIA/JEDEC standard recommends the use of psi (
Ψ) thermal characteristics to estimate the junction
temperatures of surface mount devices on a typical PCB board application. These characteristics are not true
thermal resistance values, but rather package specific thermal characteristics that offer practical and relative
means of estimating junction temperatures. These psi metrics are determined to be significantly independent of
copper-spreading area. The key thermal characteristics (
ΨJT and ΨJB) are given in Thermal Information and are
used in accordance with Equation 4 or Equation 5.
TJ(MAX) = TTOP + (ΨJT × PD(MAX))
where
•
PD(MAX) is explained in Equation 1
•
TTOP is the temperature measured at the center-top of the device package.
(4)
TJ(MAX) = TBOARD + (ΨJB × PD(MAX))
where
•
PD(MAX) is explained in Equation 1
•
TBOARD is the PCB surface temperature measured 1 mm from the device package and centered on the
package edge.
(5)
For more information about the thermal characteristics
ΨJT and ΨJB, see Semiconductor and IC Package
Thermal Metrics (SPRA953); for more information about measuring TTOP and TBOARD, see Using New Thermal
Metrics (SBVA025); and for more information about the EIA/JEDEC JESD51 PCB used for validating RθJA, see
the Thermal Characteristics of Linear and Logic Packages Using JEDEC PCB Designs (SZZA017). These
application notes are available at www.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com