Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3991TL-1.7/NOPB Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LP3991TL-1.7/NOPB
Description  300-mA LDO for Digital Applications
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP3991TL-1.7/NOPB Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP3991TL-1.7/NOPB Datasheet HTML 12Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 13Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 14Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 15Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 16Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 17Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 18Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 19Page - Texas Instruments LP3991TL-1.7/NOPB Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
A2
B2
VIN
VOUT
Power Ground
VEN
CIN
COUT
LP3991TL
B1
A1
16
LP3991
SNVS296J – DECEMBER 2006 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LP3991
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
The LP3991 is designed to operate from an input voltage supply range from 1.65 V to 4 V.
10 Layout
10.1 Layout Guidelines
The dynamic performance of the LP3991 is dependant on the layout of the PCB. PCB layout practices that are
adequate for typical LDOs may degrade the PSRR or transient performance of the LP3991.
Best performance is achieved by placing all of the components on the same side of the PCB as the LP3991, as
close as is practical to the LP3991 package. All component ground connections must be back to the LP3991
analog ground connection using as wide and as short of a copper trace as is practical.
Connections using long trace lengths, narrow trace widths, and connections through vias must be avoided.
These add parasitic inductances and resistance that results in inferior performance especially during transient
conditions.
A ground plane, either on the opposite side of a two-layer PCB, or embedded in a multi-layer PCB, is strongly
recommended. This ground plane serves two purposes:
1. Provides a circuit reference plane to assure accuracy, and
2. Provides a thermal plane to remove heat from the LP3991 through thermal vias under the package DAP.
10.2 Layout Example
Figure 18. LP3991 Example Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com